Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FBI2F5S2 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FBI2F5S2
Description  2. Amp. Glass Passivated Bridge Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FBI2F5S2 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FBI2F5S2 Datasheet HTML 1Page - List of Unclassifed Manufacturers FBI2F5S2 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V
F
, instantaneous forward voltage (V)
0.6
1.0
1.4
0
0.1
1.0
10
Tamb = 25° C
Characteristic Curves
FBI2 - 5S2
Tamb, ambient temperature (°C)
1
2
3
4
0
50
100
150 175
0
125
25
75
Number of cycles at 50 Hz.
10
100
TYPICAL FORWARD CHARACTERISTIC
FORWARD CURRENT DERATING CURVE
MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
1
0
25
50
75
100
4.5
heatsink
Tc
Tc
sine wave
R-load
on heatsink
+
_
on glass-epoxi substrate
P.C.B.
soldering land 5 mm ø
sine wave
R-load
free in air
Jan - 00
+
_



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com