Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDF60BA50 Datasheet(PDF) 1 Page - SanRex Corporation

Part # FDF60BA50
Description  DIODE MODULE F.R.D
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation

FDF60BA50 Datasheet(HTML) 1 Page - SanRex Corporation

  FDF60BA50 Datasheet HTML 1Page - SanRex Corporation FDF60BA50 Datasheet HTML 2Page - SanRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
50 Seaview Blvd. Port Washington, NY 11050-4618 PH.(516)625-1313 FAX(516)625-8845 E-mail: semi@sanrex.com
FDF60BA50/60
DIODE MODULE(F.R.D.)
Power Diode Module FDF60BA is designed for single phase full wave rectification,
which has four fast recovery diodes connected in a single phase bridge configuration.
FDF60BA is suitable for high frequency application requiring low loss and high speed
control.
●
High Speed trr
≦100ns
●
Output Current, DC60A
●
Isolated Mounting base.
(Applications)
Switching Power Supply, Inverter Welding Power
Supply
Power Supply for Telecommunication
■Maximum Ratings
(Tj=25℃ unless otherwise specified)
Symbol
Item
Ratings
500
FDF60BA50
400
600
FDF60BA60
480
Unit
VRRM
VR(DC)
Repetitive Peak Reverse Voltage
D.C. Reverse Voltage
V
V
Symbol
Item
Output current
Conditions
Ratings
Unit
A
ID
D.C. Tc
:80℃
60
IFSM
Surge Forward Current
1
/2 cycle, 60HZ, peak value, non-repetitive
600
A
I2t
I2t
Value for one cycle of surge current
1490
A2S
Tj
Operating Junction Temperature
−40 to +150
℃
Tstg
Storage Temperature
−40 to +125
℃
VISO
Isolation Breakdown Voltage
(R.M.S.)
Mounting
Torque
A.C. 1 minute
2500
V
Mounting
(M6)
Terminal
(M5)
Mass
Recommended Value 2.5-3.9
(25-40)
Recommended Value 1.5-2.5
(15-25)
4.7
(48)
2.7
(28)
N
・m
(㎏f・B)
g
Typical Value
200
80
21.5
10.0
1.1
11
67.0
60.0
+
−
11
1.1
21.5
5-M5
Unit
:㎜
■Electrical Characteristics
Symbol
IRRM
Item
Repetitive Peak Reverse Current
Conditions
VR
=VRRM, Tj=125℃
Ratings
Typ.
1.40
85
Max.
60
1.60
100
0.36
Unit
mA
VFM
Forward Voltage Drop
IF
=60A, Inst. measurement
V
trr
Reverse Recovery Time
IF
=60A,−di/dt=100A/μs
ns
Rth
(j-c) Thermal Impedance
Junction to case
(a module)
℃/W
−
∼ ∼ ∼
+
UL;E76102
(M)
SanRex
®


Similar Part No. - FDF60BA50

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
FDF-4A-1500 MERRIMAC-FDF-4A-1500 Datasheet
237Kb / 2P
FREQUENCY DOUBLERS
FDF-4C-750 MERRIMAC-FDF-4C-750 Datasheet
237Kb / 2P
FREQUENCY DOUBLERS
FDF-500A MERRIMAC-FDF-500A Datasheet
237Kb / 2P
FREQUENCY DOUBLERS
logo
Mean Well Enterprises C...
FDF0903-A MEANWELL-FDF0903-A Datasheet
128Kb / 2P
90WAC-DC Single Output Desktop
FDF0903-C MEANWELL-FDF0903-C Datasheet
128Kb / 2P
90WAC-DC Single Output Desktop
More results

Similar Description - FDF60BA50

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
FRG25CA120 SANREX-FRG25CA120 Datasheet
99Kb / 2P
DIODE MODULE (F.R.D.)
FRS300CA50 SANREX-FRS300CA50 Datasheet
102Kb / 2P
DIODE MODULE (F.R.D.)
FRD100BA60 SANREX-FRD100BA60 Datasheet
294Kb / 2P
DIODE MODULE(F.R.D)
DD250GB40 SANREX-DD250GB40 Datasheet
94Kb / 2P
DIOEDE MODULE (F.R.D)
DD250HB120 SANREX-DD250HB120 Datasheet
95Kb / 2P
DIODE MODULE (F.R.D.)
FRG25BA60 SANREX-FRG25BA60 Datasheet
293Kb / 2P
DIODE MODULE (F.R.D.)
FRS200CA100 SANREX-FRS200CA100 Datasheet
90Kb / 2P
DIODE MODULE(F.R.D.)
FRS400EA180 SANREX-FRS400EA180 Datasheet
104Kb / 2P
DIODE MODULE (F.R.D)
FDF25CA100 SANREX-FDF25CA100 Datasheet
266Kb / 2P
DIODE MODULE (F.R.D.)
logo
SEMPO ELECTRONIC Limite...
SMDD-50 SEMPO-SMDD-50 Datasheet
77Kb / 1P
DIODE-DIODE MODULE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com