Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCR Datasheet(PDF) 5 Page - Token Electronics Industry Co., Ltd.

Part # CCR
Description  Carbon Composition Resistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

CCR Datasheet(HTML) 5 Page - Token Electronics Industry Co., Ltd.

  CCR Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. CCR Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. CCR Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. CCR Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. CCR Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. CCR Datasheet HTML 6Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Taiwan Factory: +886 2 29810109
http://www.token.com.tw
rfq@token.com.tw
China Factory: +86 755 26055363
Page: 4/5
Performance
Performance (CCR)
Description
Performance Requirements
Test Method
Resistance
Temperature
Coefficient
Resistance Range
Maximum Resistance Value
Change %
Test Temperature
+20℃ /-40℃ /+20℃ /+100℃ /+20℃
-40~+20℃ +20~+100℃
<1KΩ
±6.5%
±5.0%
1.1KΩ ~10KΩ
±10%
±6.0%
11KΩ ~100KΩ
±13%
±7.5%
11KΩ ~1MΩ
±15%
±10%
1.1MΩ ~10MΩ
±20%
±15%
>11MΩ
±25%
±20%
Short-time Overload
Δ R≤±2.5%
Rate Voltage*2.5 or maximum overload
voltage (the lower)5sec.
With Standing
Voltage
No flashover or breakdown
2times maximum working voltage 1 minute
Terminal
Strength
Pulled
ΔR≤±2% No visible damage
Load 10N 10s
Winded
Load 10N 4*90°
Twisted
3*360° in opposite direction
Resistance to
vibration
No visible damage
10~50Hz 3 direction 2 hours each
Solder-heat Resistance ΔR≤±5% Marks legible, no visible damage
350℃ 4mm from the body,3 seconds
Solderability
At least 95% if the dipping surface must be covered
by new solder, no flaws gathered.
235℃ 2mm from the body,2 seconds
Temperature Cycle
ΔR≤±2%
No visible damage
-40℃(30min.)/85℃(30min.)5 cycles
Humidity
ΔR≤±10% No visible damage
40℃ 95% RH 240 hours
Load Life
ΔR≤±10%
No visible damage, marks legible
Rated voltage or maximum working
voltage, 1.5 hours on, 0.5 hours off, 40℃
1000 hours
Order Codes
Order Codes (CCR)
CCR
1/2W
120R
K
P
Part Number
CCR
Rated Power
(W)
Resistance Value (Ω)
2R2
2.2Ω
120R
120Ω
1M2
1.2MΩ
22M
22MΩ
Resistance Tolerance
(%)
J
±5%
K
±10%
M
±20%
Package
P
Bulk



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com