Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FLC01-200B Datasheet(PDF) 2 Page - STMicroelectronics

Part # FLC01-200B
Description  FIRE LIGHTER CIRCUIT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FLC01-200B Datasheet(HTML) 2 Page - STMicroelectronics

  FLC01-200B Datasheet HTML 1Page - STMicroelectronics FLC01-200B Datasheet HTML 2Page - STMicroelectronics FLC01-200B Datasheet HTML 3Page - STMicroelectronics FLC01-200B Datasheet HTML 4Page - STMicroelectronics FLC01-200B Datasheet HTML 5Page - STMicroelectronics FLC01-200B Datasheet HTML 6Page - STMicroelectronics FLC01-200B Datasheet HTML 7Page - STMicroelectronics FLC01-200B Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
FLC01-200x
2/8
Symbol
Parameter
Value
Unit
Rth(j-a)
Thermal resistance junction to ambient
100
°C/W
THERMAL RESISTANCE
FLC
01
-
200
x
(-TR)
FIRE LIGHTER CIRCUIT
CIRCUIT NUMBER:
01 = SCR + diode + Zener + Resistance
(pin 3 not connected)
200: V
= 200V
RM
PACKAGE:
H: IPAK
B: DPAK
PACKING MODE:
Blank: Tube
-TR: Tape & reel
ORDERING INFORMATION
Symbol
Parameter
Value
Unit
ITRM
Repetitive surge peak on state current for thyristor
-30°C
≤ Tamb ≤ 120°C
tp=10
µs
( note 1)
190
A
IFRM
Repetitive surge peak on state current for diode
-30°C
≤ Tamb ≤ 120°C
dI/dt
Critical rate of rise time on state current -30°C
≤ Tamb ≤ 120°C
120
A/
µs
Tstg
Tj
Storage junction temperature range
Maximum junction temperature
-40to+150
+ 125
°C
Toper
Operating temperature range
-30 + 120
°C
TL
Maximum lead temperature for soldering during 10s
260
°C
Note 1 : Test current waveform
ABSOLUTE RATINGS (limiting values)
200ms
10µs



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com