Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB1412-R Datasheet(PDF) 2 Page - Micro Commercial Components

Part # 2SB1412-R
Description  PNP Silicon Epitaxial Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2SB1412-R Datasheet(HTML) 2 Page - Micro Commercial Components

  2SB1412-R Datasheet HTML 1Page - Micro Commercial Components 2SB1412-R Datasheet HTML 2Page - Micro Commercial Components 2SB1412-R Datasheet HTML 3Page - Micro Commercial Components 2SB1412-R Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Revision:
D
20
13/03/08
2 of 4
-0.1
-1
-10
0
100
200
300
400
500
-0
-20
-40
-60
-80
-100
0
30
60
90
120
150
-1E-3
-0.01
-0.1
-1
0
100
200
300
400
500
600
700
800
-1E-4
-1E-3
-0.01
-0.1
-1
-0
-200
-400
-600
-800
-1000
-1E-3
-0.01
-0.1
-1
-0
-100
-200
-300
-400
-500
-600
-700
-800
-0
-1
-2
-3
-4
-5
-6
-7
-8
-0
-200
-400
-600
-800
-1000
f=1MHz
I
E=0 / IC=0
T
a=25
oC
REVERSE VOLTAGE V (V)
V
CB
/ V
EB
C
ob
/ C
ib
——
C
ib
C
ob
COLLECTOR CURRENT I
C
(mA)
V
CE=-6V
T
a=25
oC
I
C
f
T
——
-5
V
CE= -2V
T
a=100
oC
T
a=25
oC
COLLECTOR CURRENT I
C
(A)
I
C
h
FE
——
-20
-5
COLLECTOR CURRENT I
C
(A)
T
a=25
℃
T
a=100
℃
β=40
I
C
V
BEsat
——
-5
T
a=25
℃
T
a=100
℃
β=40
V
CEsat
——
I
C
COLLECTOR CURRENT I
C
(A)
COMMON
EMITTER
T
a=25
℃
-3.0mA
-2.7mA
-2.4mA
-2.1mA
-1.8mA
-1.5mA
-1.2mA
-0.9mA
-0.6mA
I
B=-0.3mA
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
Static Characteristic
MCC
TM
Micro Commercial Components
Typical Characteristics
www.mccsemi.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com