Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1923-R Datasheet(PDF) 2 Page - Micro Commercial Components

Part # 2SC1923-R
Description  Power Silicon NPN Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2SC1923-R Datasheet(HTML) 2 Page - Micro Commercial Components

  2SC1923-R Datasheet HTML 1Page - Micro Commercial Components 2SC1923-R Datasheet HTML 2Page - Micro Commercial Components 2SC1923-R Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SC19
23
Revision: A
2016/06/08
www.mccsemi.com
2 of 3
10
0.1
1
10
10
1000
0.01
0.1
1
10
10
100
1000
0
25
50
75
100
125
150
0.000
0.025
0.050
0.075
0.100
0.125
02
46
8
10
12
14
0
1
2
3
4
f=1MHz
I
E=0 / IC=0
T
a=25
℃
REVERSE VOLTAGE V (V)
V
CB /
V
EB
C
ob
/ C
ib
——
C
ib
C
ob
1
COLLECTOR CURRENT I
C
(mA)
V
CE=6V
T
a=25
℃
I
C
f
T
——
3
3
300
100
1
COMMON EMITTER
V
CE= 6V
T
a=100
℃
T
a=25
℃
COLLECTOR CURRENT I
C
(mA)
I
C
h
FE
——
20
AMBIENT TEMPERATURE T
a
(℃)
P
C
——
T
a
COMMON
EMITTER
T
a=25
℃
30uA
27uA
24uA
21uA
18uA
15uA
12uA
9uA
6uA
I
B=3uA
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
Static Characteristic
Micro Commercial Components
M C C
R



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com