Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2216 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 2SC2216
Description  NPN Silicon Plastic-Encapsulate Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2SC2216 Datasheet(HTML) 1 Page - Micro Commercial Components

  2SC2216 Datasheet HTML 1Page - Micro Commercial Components 2SC2216 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2SC2216
NPN Silicon
Plastic-Encapsulate
Transistor
Features
•
Capable of 300m Watts of Power Dissipation.
•
Collector-current : ICM=50mA
•
Collector-base Voltage:V(BR)CBO= 50V
•
Operating and storage junction temperature range: -55
OC to +150OC
Electrical Characteristics @ 25
OC Unless Otherwise Specified
Symbol
Parameter
Min
Max
Units
OFF CHARACTERISTICS
V (BR)CEO
Collector-Emitter Breakdown Voltage
(I C=10mAdc, IB=0)
45
---
Vdc
V(BR)CBO
Collector-Base Breakdown Voltage
(I C=100µAdc, IE=0)
50
---
Vdc
V(BR)EBO
Emitter-Base Breakdown Voltage
(I E=100µAdc, IC=0)
4.0
---
Adc
ICBO
Collector Cut-off Current
(VCB=50Vdc, IE=0)
---
0.1
µAdc
IEBO
Emitter Cut-off Current
(VEB=4.0Vdc, IC=0)
---
0.1
µAdc
ON CHARACTERISTICS
h FE
DC Current Gain
(IC=12.5mAdc, VCE=12.5Vdc)
40
140
---
VCE(sat)
Collector-Emitter Saturation Voltage
(I C=15mAdc, IB=1.5mAdc)
---
0.2
Vdc
V(BE)sat
Base-Emitter Saturation Voltage
(I C=15mAdc, IB=1.5mAdc)
---
1.5
Vdc
f T
Transition Frequency
(V CE=12.5Vdc, IC=12.5mAdc,
f=100MHz)
300
---
MHz
Revision: D
2013/01/01
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
TM
Micro Commercial Components
www.mccsemi.com
1 of 2
•
Lead Free Finish/Rohs Compliant ("P"Suffix designates
Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisure Sensitivity Level 1
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.175
.185
4.45
4.70
B
.175
.185
4.45
4.70
C
.500
---
12.70
---
D
.016
.020
0.41
0.63
E
.135
.145
3.43
3.68
.095
.105
2.42
2.67
Straight Lead
A
E
B
C
D
G
B
E
C
B
E
C
BENT LEAD
STRAIGHT LEAD
BULK PACK
AMMO PACK
* For ammo packing detailed specification, click here to visit our website
of product packaging for details.
.
173
.
220
4.40
5.60
Bent Lead
G
TO-92
DIMENSIONS
Halogen free available upon request by adding suffix "-HF"
•


Similar Part No. - 2SC2216

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2216 TOSHIBA-2SC2216 Datasheet
176Kb / 3P
TRANSISTOR (TV FINAL PICTURE IF AMPLIFIER APPLICATIONS)
logo
SeCoS Halbleitertechnol...
2SC2216 SECOS-2SC2216 Datasheet
257Kb / 2P
NPN Plastic Encapsulated Transistor
logo
Micro Commercial Compon...
2SC2216 MCC-2SC2216 Datasheet
203Kb / 2P
NPN Silicon Plastic-Encapsulate Transistor
logo
SHENZHEN YONGERJIA INDU...
2SC2216 WINNERJOIN-2SC2216 Datasheet
123Kb / 1P
TRANSISTOR (NPN)
logo
Foshan Blue Rocket Elec...
2SC2216 FOSHAN-2SC2216 Datasheet
957Kb / 6P
Silicon NPN transistor in a TO-92 Plastic Package
More results

Similar Description - 2SC2216

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SC3052 SECOS-2SC3052 Datasheet
352Kb / 3P
NPN Silicon Plastic-Encapsulate Transistor
A44 SECOS-A44 Datasheet
314Kb / 3P
NPN Silicon Plastic-Encapsulate Transistor
logo
Micro Commercial Compon...
2SD669 MCC-2SD669 Datasheet
280Kb / 2P
NPN Silicon Plastic-Encapsulate Transistor
MS8050-L MCC-MS8050-L Datasheet
224Kb / 3P
NPN Silicon Plastic-Encapsulate Transistor
MMS9014-L MCC-MMS9014-L Datasheet
189Kb / 2P
NPN Silicon Plastic-Encapsulate Transistor
MJE3055 MCC-MJE3055 Datasheet
246Kb / 3P
NPN Silicon Plastic-Encapsulate Transistor
MJE13001 MCC-MJE13001 Datasheet
247Kb / 3P
NPN Silicon Plastic-Encapsulate Transistor
MJE13002 MCC-MJE13002 Datasheet
257Kb / 2P
NPN Silicon Plastic-Encapsulate Transistor
MJE13002B MCC-MJE13002B Datasheet
182Kb / 2P
NPN Silicon Plastic-Encapsulate Transistor
MJE13002B MCC-MJE13002B_13 Datasheet
236Kb / 2P
NPN Silicon Plastic-Encapsulate Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com