Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2383-R Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 2SC2383-R
Description  NPN Silicon Plastic-Encapsulateb Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2SC2383-R Datasheet(HTML) 1 Page - Micro Commercial Components

  2SC2383-R_13 Datasheet HTML 1Page - Micro Commercial Components 2SC2383-R_13 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NPN Silicon
Plastic-Encapsulate
Transistor
Features
•
Capable of 0.9Watts of Power Dissipation.
•
Collector-current 1.0A
•
Collector-base Voltage 160V
•
Operating and storage junction temperature range: -55
OC to +150OC
OFF CHARACTERISTICS
V(BR)CEO
Collector-Emitter Breakdown Voltage
(IC=10mAdc, IB=0)
160
Vdc
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=100µAdc, IE=0)
160
Vdc
V(BR)EBO
Emitter-Base Voltage
(IE=10µAdc, IC=0)
6.0
Vdc
ICBO
Collector Cutoff Current
(VCB=150Vdc, IE=0)
1.0
µAdc
ICER
Collector Cutoff Current
(VCB=150Vdc, REB=10m OHM)
10
µAdc
IEBO
Emitter Cutoff Current
(VEB=6.0Vdc, IC=0)
1.0
µAdc
ON CHARACTERISTICS
hFE(1)
DC Current Gain
(IC=200mAdc, VCE=5.0Vdc)
60
320
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=500mAdc, IB=50mAdc)
1.0
Vdc
VBE
Base-Emitter Voltage
(IC=5.0mAdc, VCE=5.0Vdc)
0.75
Vdc
SMALL-SIGNAL CHARACTERISTICS
fT
Transistor Frequency
(IC=200mAdc, VCE=5.0Vdc )
20
MHz
CLASSIFICATION OF HFE (1)
Rank
R
O
Y
Range
60-120
100-200
160-320
Revision:
C
20
13/01/01
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
TM
Micro Commercial Components
www.mccsemi.com
1 of 2
2SC2383-R
2SC2383-O
2SC2383-Y
Electrical Characteristics @ 25
OC Unless Otherwise Specified
Symbol
Parameter
Min
Max
Units
•
Marking: C2383
•
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
TO-92MOD
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.228
.
244
5.80
6.20
.
059
1.50
B
A
C
D
E
F
G
J
K
L
M
H
B
.331
.
346
8.40
8.80
C
.016
.
024
0.40
0.60
.114
.
122
2.90
3.10
F
.543
.
559
13.80
14.20
H
.157
-----
4.00
---
G
.035
.
043
0.90
1.10
DIMENSIONS
E
C
B
E
C
B
BENT LEAD
STRAIGHT LEAD
BULK PACK
AMMO PACK
* For ammo packing detailed specification, click here to visit our website
of product packaging for details.
J
.185
.
201
4.70
5.10
K
----
.
063
-----
1.60
L
.016
.
020
0.40
0.50
M
.068
.
080
1.73
2.03
.086
.110
2.20
2.80
Straight Lead
Bent Lead
Straight Lead
Bent Lead
D
E
.173
.220
4.40
5.60
Halogen free available upon request by adding suffix "-HF"
•


Similar Part No. - 2SC2383-R_13

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
2SC2383-R MCC-2SC2383-R Datasheet
75Kb / 2P
NPN Silicon Plastic-Encapsulate Transistor
More results

Similar Description - 2SC2383-R_13

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SC3052 SECOS-2SC3052 Datasheet
352Kb / 3P
NPN Silicon Plastic-Encapsulate Transistor
2SC3356F SECOS-2SC3356F Datasheet
349Kb / 2P
NPN Silicon Plastic Encapsulated Transistor
2SD1781 SECOS-2SD1781 Datasheet
78Kb / 3P
NPN Silicon Plastic Encapsulated Transistor
logo
Micro Commercial Compon...
2SD669 MCC-2SD669 Datasheet
280Kb / 2P
NPN Silicon Plastic-Encapsulate Transistor
MS8050-L MCC-MS8050-L Datasheet
224Kb / 3P
NPN Silicon Plastic-Encapsulate Transistor
MMS9014-L MCC-MMS9014-L Datasheet
189Kb / 2P
NPN Silicon Plastic-Encapsulate Transistor
MJE3055 MCC-MJE3055 Datasheet
246Kb / 3P
NPN Silicon Plastic-Encapsulate Transistor
MJE13001 MCC-MJE13001 Datasheet
247Kb / 3P
NPN Silicon Plastic-Encapsulate Transistor
MJE13002 MCC-MJE13002 Datasheet
257Kb / 2P
NPN Silicon Plastic-Encapsulate Transistor
MJE13002B MCC-MJE13002B Datasheet
182Kb / 2P
NPN Silicon Plastic-Encapsulate Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com