Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2668-R Datasheet(PDF) 2 Page - Micro Commercial Components

Part # 2SC2668-R
Description  NPN Plastic-Encapsulate Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2SC2668-R Datasheet(HTML) 2 Page - Micro Commercial Components

  2SC2668-R Datasheet HTML 1Page - Micro Commercial Components 2SC2668-R Datasheet HTML 2Page - Micro Commercial Components 2SC2668-R Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC =100μA, IE=0
40
V
Collector-emitter breakdown voltage
V(BR)CEO
IC =1mA, IB=0
30
V
Emitter-base breakdown voltage
V(BR)EBO
IE=100μA, IC=0
4
V
Collector cut-off current
ICBO
VCB=40V, IE=0
0.5
μA
Emitter cut-off current
IEBO
VEB=4V, IC=0
0.5
μA
DC current gain
hFE
VCE=6V, IC=1mA
40
200
Reverse Transfer Capacitance
Cre
VCE=6V, f=1MHz
0.7
pF
Collector-Base Time Constant
Cc·rbb’
VCE=6V, IE=-1mA, f=30MHz
30
ps
Transition frequency
fT
VCE=6V, IC=1mA
550
MHz
Power Gain
Gpe
VCC=6V, IC =1mA, f=100MHz
18
dB
Noise figure
NF
VCC=6V, IC =1mA, f=100MHz
5
dB
CLASSIFICATION OF
hFE
Rank
R
O
Y
Range
40-80
70-140
100-200
Micro Commercial Components
M C C
TM
2SC2668-R/O/Y
Revision: A
2015/05/18
www.mccsemi.com
2 of
3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com