Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KNP-R Datasheet(PDF) 1 Page - Token Electronics Industry Co., Ltd.

Part # KNP-R
Description  Power Wire wound Resistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

KNP-R Datasheet(HTML) 1 Page - Token Electronics Industry Co., Ltd.

  KNP-R Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. KNP-R Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. KNP-R Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. KNP-R Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. KNP-R Datasheet HTML 5Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
(KNP-R)
Power Wire wound
Resistor
Token Electronics Industry Co., Ltd.
Taiwan: No.137, Sec. 1, Zhongxing Rd., Wugu District,
New Taipei City, Taiwan, R.O.C. 24872
Tel: +886 2981 0109
Fax: +886 2988 7487
China: 12F, Zhong Xing Industry Bld., Chuang Ye Road,
Nan Shan District, Shen Zhen City,
Guang Dong, China 518054
Tel: +86 755 26055363; Fax: +86 755 26055365
Web: www.token.com.tw
Email: rfq@token.com.tw
Version:
January 12, 2017


Similar Part No. - KNP-R

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
KNP-R3AU0R1BP TOKEN-KNP-R3AU0R1BP Datasheet
1Mb / 60P
BWW Precision Wirewound Resistors
KNP-R3AU0R1BTB TOKEN-KNP-R3AU0R1BTB Datasheet
1Mb / 60P
BWW Precision Wirewound Resistors
KNP-R3AU0R1CP TOKEN-KNP-R3AU0R1CP Datasheet
1Mb / 60P
BWW Precision Wirewound Resistors
KNP-R3AU0R1CTB TOKEN-KNP-R3AU0R1CTB Datasheet
1Mb / 60P
BWW Precision Wirewound Resistors
KNP-R3AU0R1DP TOKEN-KNP-R3AU0R1DP Datasheet
1Mb / 60P
BWW Precision Wirewound Resistors
More results

Similar Description - KNP-R

ManufacturerPart #DatasheetDescription
logo
RFE international
HRWA10W-10R-J-HS RFE-HRWA10W-10R-J-HS Datasheet
117Kb / 2P
HIGH POWER WIRE WOUND RESISTOR HRW Series: Non-Flammable, Wire Wound
logo
UNIOHM CORPORATION
R-10W UNIOHM-R-10W Datasheet
488Kb / 1P
Power Type Wire Wound Resistors Non Flammable Wire Wound Resistor
logo
List of Unclassifed Man...
IRH60 ETC-IRH60 Datasheet
1Mb / 2P
METAL CLAD WIRE WOUND RESISTOR
IRM1600 ETC-IRM1600 Datasheet
849Kb / 2P
METAL CLAD WIRE WOUND RESISTOR
logo
TE Connectivity Ltd
9-1773453-2 TEC-9-1773453-2 Datasheet
286Kb / 5P
High Power Wire Wound Resistor
C-1879441 TEC-C-1879441 Datasheet
165Kb / 1P
HIGH POWER WIRE WOUND RESISTOR TE 50 SERIES
C-1879444 TEC-C-1879444 Datasheet
170Kb / 1P
HIGH POWER WIRE WOUND RESISTOR TE 100W SERIES
C-1879448 TEC-C-1879448 Datasheet
172Kb / 1P
HIGH POWER WIRE WOUND RESISTOR TYPE TE300 SERIES
logo
RFE international
HM2A80W-10R-J-250 RFE-HM2A80W-10R-J-250_V01 Datasheet
598Kb / 2P
HIGH POWER WIRE WOUND RESISTOR
2020.02.17
HQA10W-10R-J-HS RFE-HQA10W-10R-J-HS_V01 Datasheet
595Kb / 2P
HIGH POWER WIRE WOUND RESISTOR
2020.02.24
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com