Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KNP-RU1RBP Datasheet(PDF) 3 Page - Token Electronics Industry Co., Ltd.

Part # KNP-RU1RBP
Description  Power Wire wound Resistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

KNP-RU1RBP Datasheet(HTML) 3 Page - Token Electronics Industry Co., Ltd.

  KNP-RU1RBP Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. KNP-RU1RBP Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. KNP-RU1RBP Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. KNP-RU1RBP Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. KNP-RU1RBP Datasheet HTML 5Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Taiwan Factory: +886 2 29810109
http://www.token.com.tw
rfq@token.com.tw
China Factory: +86 755 26055363
Page: 2/4
Technical Specifications
Technical Specifications (KNP-R)
Type
MIL -
R-26E
Power Rating (W)
Max. Working
Voltage (V)
Resistance Range (Ω)
Dimensions
(Unit: mm)
U (275℃) V (375℃) U (275℃)
V (375℃)
0.1%,
0.25%, 0.5%
1%, 2%,
3%, 5%
L±0.81 D±0.81 d±0.1
KNP-R1/4
-
0.40
-
20
-
10~950
1~3.4K
6.35
1.98
0.51
KNP-R1/2
RW70
0.75
-
29
-
10~1.3K
1~4.9K
7.92
1.98
0.51
KNP-R1A
-
1.00
-
53
-
1~2.7K
0.1~10.4K
10.31
2.36
0.64
KNP-R1
RW69
1.10
-
62
-
1~4.0K
0.1~15K
13.49
2.36
0.64
KNP-R2A
-
2.50
3.25
138
157
1~8.6K
0.01~32.3K 12.70
5.33
0.81
KNP-R2
RW79
3.00
3.75
135
148
1~5K
0.01~2K
13.49
4.06
0.81
KNP-R3A
-
3.00
3.75
135
148
1~6.5K
0.01~34.5K 14.27
5.33
0.81
KNP-R3
-
3.25
4.75
185
220
1~11.4K
0.01~42.1K 20.62
5.33
1.02
KNP-R4
RW67
4.00
5.50
210
250
1~12.7K
0.01~47.1K 15.88
7.62
1.02
KNP-R5
RW74
5.00
6.50
330
376
0.5~24.5K
0.01~51K
22.22
7.62
1.02
KNP-R7
RW68
7.00
9.00
504
576
0.5~41.4K
0.01~75K
30.94
9.52
1.02
KNP-R10
RW78
10.00
13.00
799
911
0.5~71.3K
0.01~82K
45.21
9.52
1.02
KNP-R Power Derating Curve
Power Precision Wire wound Resistor (KNP-R) Dimensions
Temperature Coefficient: 1 Ω and below ± 150 ppm/℃, 1 Ω to 9.9 Ω ± 100 ppm/℃, 10 Ω and above ± 100 ppm/℃, (50 ppm/℃
on request)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com