Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRP Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # LRP
Description  Metal Strip Chip High Power Low Ohmic Resistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

LRP Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  LRP Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. LRP Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. LRP Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. LRP Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. LRP Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. LRP Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. LRP Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. LRP Datasheet HTML 8Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Taiwan Factory: +886 2 29810109
http://www.token.com.tw
rfq@token.com.tw
China Factory: +86 755 26055363
Page: 1/7
Product Introduction
Features :
 Customized Resistance Available.
 Low TCR ±50PPM/℃, ±75PPM/℃.
 High power rating from 1 Watts to 3 Watts
 Low resistance values from 7mΩ to 100mΩ.
 Without Laser Trimmed with very low
inductance.
Applications :
 For NB power management.
 For MB power management.
 For Monitor power management.
 SWPS: DC-DC converter, Charger, Adaptor.
(LRP) Low ohm metal strip resistors from Token Electronics offer
a wide range of high-power current sensing applications including
power management of NB, MB and monitor, automotive, shunts
and power amplifiers, DC-DC converter and charger, test &
measurement instruments, linear power supplies and switching.
(LRP) Design for applications that require high power handling
(Up to 3W) and low resistance values from 7mΩ to 100mΩ and
come with a range of advantages including a wide temperature
range and a varied choice of wide range package sizes 2512 with
high current capability.
Token (LRP) is aiming for very high power-to-footprint size ratio,
excellent frequency response and very low inductance in a solid
metal nickel-chrome or manganese-copper allow resistive element with Low TCR ±50PPM/℃. Also,
(LRP) is ideal for all types of voltage division, current sensing and pulse applications.
For more power metal strip chip low ohm resistors, please link to Token official website “Current
Sense Resistors”. Contact us with your specific needs.
Things go better with Token (LRP) high power metal
strip resistors.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com