Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH1 Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # RH1
Description  High Voltage Hermetic Hi-Meg Resistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

RH1 Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  RH1 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. RH1 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. RH1 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. RH1 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. RH1 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
http://www.token.com.tw
rfq@token.com.tw
Taiwan Factory: +886 2 29810109
China Factory: +86 755 26055363
Page: 1/4
Product Introduction
Features :
High Resistance Range 1×107~1×1012(Ω).
Resistance Tolerance (J±5%) (K±10%).
Glass vacuum sealed hermetic resistors.
Stability temperature and voltage.
Metal Glaze resistive elements.
Applications :
Ultra-High Vacuum Applications.
Surge Protection and Voltage Divider.
Mains Protection and Discharge Path Resistor.
Current Pulse Limiters and Pulse Load
Equipments.
Micro Current Circuit Measurement, Medical
Instrumentation.
Token Hi-Meg Hermetically Sealed Resistors are designed for
use in electrometer circuits where a high order of performance is
required an extended period of time under adverse environmental
conditions.
The RH1 metal glaze resistor is disclosed as being encapsulated
in a glass tube, the enclosure being hermetically sealed to
conductive caps mounted on the resistor ends. The metal glaze
film of the resistance path of the resistor is protected from
thermal damage during heat sealing by spacing the resistance
path from the conductive caps and providing an electrical path
there between in the form of an extended termination.
By being vacuum sealed in a glass envelope with its resistance glaze glass characteristic, these high
resistance resistors are suitable for ultra-high vacuum applications, micro current circuit measurement,
and pulse load equipment.
These RH1 Series features a high degree of stability and accuracy, and operate at this high
performance level for long-term stability.
For customed designs, tighter tolerances, non-standard technical requirements, or custom special
applications, please contact us, or link to Token official website "High Voltage Resistors" to get more
information.
Hermetic Resistors Lead to a High Ohmic Resistance Values



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com