Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD2150-R Datasheet(PDF) 2 Page - Micro Commercial Components

Part # 2SD2150-R
Description  NPN Plastic-Encapsulate Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2SD2150-R Datasheet(HTML) 2 Page - Micro Commercial Components

  2SD2150-R Datasheet HTML 1Page - Micro Commercial Components 2SD2150-R Datasheet HTML 2Page - Micro Commercial Components 2SD2150-R Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Typical Characteristics
Revision:
A
201
7/01/14
www.mccsemi.com
2 of 3
Micro Commercial Components
M C C
R
0.1
1
10
10
100
0.1
1
10
100
1000
200
400
600
800
1000
1200
1
10
100
1000
1000
0
200
400
600
800
1000
0.1
1
10
100
1000
10
100
10
100
1
10
100
1000
1
10
100
1000
0
1
3
2
5
4
0
40
80
120
160
200
0
25
50
75
100
125
150
0
100
200
300
400
500
600
3000
C
ob
C
ib
REVERSE VOLTAGE V (V)
500
f=1MHz
I
E=0/IC=0
T
a=25
℃
V
CB
/ V
EB
C
ob
/ C
ib
——
20
COLLECTOR CURRENT I
C
(mA)
T
a=25
℃
T
a=100
℃
3000
I
C
V
BEsat
——
β=20
100
I
C
h
FE
——
T
a=100
℃
T
a=25
℃
COMMON EMITTER
V
CE=2V
COLLECTOR CURRENT I
C
(mA)
3000
BASE-EMMITER VOLTAGE V
BE
(mV)
V
CE=2V
T
a=100
℃
T
a=25
℃
I
C
I
C
——
2
500
V
BE
f
T
——
V
CE=2V
T
a=25
℃
COLLECTOR CURRENT I
C
(mA)
0.1
0.3
I
C
V
CEsat
——
COLLECTOR CURRENT I
C
(mA)
T
a=25
℃
T
a=100
℃
3000
β=20
500uA
450uA
COMMON
EMITTER
T
a=25
℃
400uA
350uA
300uA
250uA
200uA
150uA
100uA
I
B=50uA
Static Characteristic
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
AMBIENT TEMPERATURE T
a
(℃)
P
C
——
T
a



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com