Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1898-R Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 2SD1898-R
Description  NPN Silicon Power Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2SD1898-R Datasheet(HTML) 1 Page - Micro Commercial Components

  2SD1898-R Datasheet HTML 1Page - Micro Commercial Components 2SD1898-R Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2SD1898
-P
NPN Silicon
Power Transistors
Features
•
High VCEO, VCEO=80V
•
High IC, IC=1.0A(DC)
Maximum Ratings
Symbol
Rating
Value
Unit
VCEO
Collector-Emitter Voltage
80
V
VCBO
Collector-Base Voltage
100
V
VEBO
Emitter-Base Voltage
5.0
V
IC
Collector Current, DC
Pulse
(1)
1.0
2.0
A
PC
Collector Power Dissipation
(2)
0.5
2.0
W
TJ
Junction Temperature
-55 to +150
OC
TSTG
Storage Temperature
-55 to +150
OC
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Symbol
Parameter
Min
Typ
Max
Units
OFF CHARACTERISTICS
VCEO
Collector-Emitter Breakdown Voltage
(IC=1.0mAdc)
80
---
---
Vdc
VCBO
Collector-Base Breakdow n Voltage
(IC=50uAdc)
100
---
---
Vdc
VEBO
Emitter-Base Breakdown Voltage
(IE=50uAdc)
5.0
---
---
Vdc
ICBO
Collector Cutoff Current
(VCB=80Vdc)
---
---
1.0
uAdc
IEBO
Emitter Cutoff Current
(VEB=4.0Vdc, IC=0)
---
---
1.0
uAdc
hFE
DC Current Transfer Ratio
(3)
(VCE=3.0Vdc, IC=0.5Adc)
82
---
390
---
VCE(sat)
Collector-Emitter Saturation Voltage
(IC/IB=500mA/20mA)
---
0.15
0.4
Vdc
fT
Transition Frequency
(VCE=10Vdc, IE=50mAdc,
f=100MHz)
---
100
---
MHz
Cob
Output Capacitance
(VCB=10Vdc, IE=0, f=1.0MHz)
---
20
---
pF
(1) Pw=20ms, duty=1/2
(2) When mounted on a 40x40x0.7mm ceramic board.
(3) Measured using pulse current




















SOT-89
1. BASE
2. COLLECTOR
3. EMITTER
Revision:
B
20
13/01/01
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
www.mccsemi.com
1 of 2




 

 
 











25











































B
A
E
D
G
H
F
K
J
C





















1.55
.061
REF.


123




























































2SD1898
-Q
2SD1898
-R
CLASSIFICATION OF hFE
Rank
P
Q
R
Range
82-180
120-270
180-390
Marking
DF
•
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisure Sensitivity Level 1
Halogen free available upon request by adding suffix "-HF"
•
Micro Commercial Components
M C C
TM


Similar Part No. - 2SD1898-R

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
2SD1898-R MCC-2SD1898-R Datasheet
218Kb / 2P
NPN Silicon Power Transistors
logo
Guangdong Kexin Industr...
2SD1898-R KEXIN-2SD1898-R Datasheet
633Kb / 2P
NPN Transistors
logo
DONGGUAN YOU FENG WEI E...
2SD1898-R YFWDIODE-2SD1898-R Datasheet
616Kb / 3P
NPN Transistors
More results

Similar Description - 2SD1898-R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUS47 MOTOROLA-BUS47 Datasheet
79Kb / 2P
NPN SILICON POWER TRANSISTORS
logo
Bourns Electronic Solut...
BD241 BOURNS-BD241 Datasheet
107Kb / 5P
NPN SILICON POWER TRANSISTORS
BU426 BOURNS-BU426 Datasheet
129Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
Inchange Semiconductor ...
S2055A ISC-S2055A Datasheet
40Kb / 3P
Silicon NPN Power Transistors
2SC3182N ISC-2SC3182N Datasheet
168Kb / 4P
Silicon NPN Power Transistors
2SC4690 ISC-2SC4690 Datasheet
85Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC2497 SAVANTIC-2SC2497 Datasheet
107Kb / 3P
Silicon NPN Power Transistors
2SC2517 SAVANTIC-2SC2517 Datasheet
104Kb / 3P
Silicon NPN Power Transistors
2SC2562 SAVANTIC-2SC2562 Datasheet
143Kb / 5P
Silicon NPN Power Transistors
2SC2577 SAVANTIC-2SC2577 Datasheet
136Kb / 3P
Silicon NPN Power Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com