Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RMC Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # RMC
Description  Bulk Ceramic Composition Resistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

RMC Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  RMC Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. RMC Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. RMC Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. RMC Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. RMC Datasheet HTML 5Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
http://www.token.com.tw
rfq@token.com.tw
Taiwan Factory: +886 2 29810109
China Factory: +86 755 26055363
Page: 1/4
Product Introduction
Features :
 Operating Temperature -40℃ ~ 155℃.
 Resistance Tolerance K(±10%), M(±20%).
 Typical resistance range 470 ohm ~ 100 Kohm.
 Replaces 1 and 2 watt carbon composition resistors.
 Suitable for noise suppressor of engine ignition system.
 High peak power, Reliable with non-disconnection failure.
 Rated Wattage up 5W, meets high energy density demands.
Applications :
 Inrush limiters
 R-C snubber circuits
 Vehicle ignition system
 High voltage power supplies
The RMCA, RMCB Series MELF type of fixed ceramic
resistors from Token Electronics offers automotive designers a
compact solution for applications involving high voltages,
surges, high peak power, or high-energy pulses. They offer
enhanced performance in R-C snubber circuits, high voltage
power supplies, and inrush limiters.
Token's RMCA, RMCB series now offers the industry a direct
replacement carbon composition resistor based on a bulk
resistive element comprising carbon in ceramic filler. Due to the
need for higher peak voltages, the RMCA, RMCB range is
perfect for vehicle ignition system applications.
The RMCA, RMCB Voltage Resistors conform to RoHS compliant and lead free. For customed
designs, tighter tolerances, non-standard technical requirements, or custom special applications, please
contact us, or link to Token official website "High Voltage Resistors" to get more information.
Ceramic Composition Resistor Construction:
 Bulk ceramic resistor that consists of a clay, alumina, and ceramic filler that has been blended and
pressurized into a resistive core and then covered with a molded outer insulating core.
Replacement Carbon-Composition Resistors:
 Design requirements for custom sizes, surface mount, or special footprints can be met easily.
 In cases where several carbon-composition resistors have been used together in an array to achieve a
particular rating, they have been replaced with a single bulk ceramic resistor, frequently at a lower
installed cost.
Non-Inductive Enhanced Performance for High Voltage
Ignition Applications.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com