Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UAR Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # UAR
Description  High Precision, High Frequency Resistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

UAR Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  UAR Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. UAR Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. UAR Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. UAR Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. UAR Datasheet HTML 5Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Taiwan Factory: +886 2 29810109
http://www.token.com.tw
rfq@token.com.tw
China Factory: +86 755 26055363
Page: 1/4
Product Introduction
Features :
 Very tight tolerances: down to A2(±0.02%).
 Exceptionally low noise; typically 0.05 μV/V.
 0.125 W to 0.33 W at 85 ℃, Electrical Insulation
> 1000 MΩ.
 Very Low temperature coefficient: ±3, ±5, ±10
and ±15 ppm/℃.
 Excellent high frequency performance, industrial
grades, RoHS Compliant.
Applications :
 All General Purpose Applications,
 Medical Electronics, Current Pulse Limiters,
 Precision Instruments,
 Telecom, Test and Measurement.
The high precision (UAR) resistor represents a significant technical
advancement in resistive technology, combining low temperature
coefficients with high environmental stabilities, and high frequency
performance.
Laser beam trimming gives tolerance accuracies from 0.02 % to 1 %.
The precision (UAR) range effectively bridges the gap that has
hitherto existed between the high precision, high stability networks
or wire wound technology and conventional film technology.
Full lines equate Vishay, IRC, Ohmite, Caddock, and Panasonic precision resistors with fast delivery
and more competitive price.
The metal film series is RoHS compliant with Pb-free terminations. Detailed specifications, both
mechanical and electrical, please contact our sales representative. Besides, you can link to Token
official website "Precision Resistors" to get more information.
Mil-Std-202 Standard:
This standard establishes uniform methods for testing electronic and electrical component parts, including basic
environmental tests to determine resistance to deleterious effects of natural elements and conditions surrounding
military operations, and physical and electrical tests.
Token's low noise precision resistors define accuracy.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com