Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS03FPDRR010N Datasheet(PDF) 8 Page - Token Electronics Industry Co., Ltd.

Part # TCS03FPDRR010N
Description  Chip Current Sensing Precision Resistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TCS03FPDRR010N Datasheet(HTML) 8 Page - Token Electronics Industry Co., Ltd.

Back Button TCS03FPDRR010N Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TCS03FPDRR010N Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TCS03FPDRR010N Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TCS03FPDRR010N Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TCS03FPDRR010N Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TCS03FPDRR010N Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TCS03FPDRR010N Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TCS03FPDRR010N Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. TCS03FPDRR010N Datasheet HTML 10Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Taiwan Factory: +886 2 29810109
http://www.token.com.tw
rfq@token.com.tw
China Factory: +86 755 26055363
Page: 7/9
Paper Tape Specifications (TCS)
Type
A
B
W
E
F
P0
P1
P2
ΦD0
T
TCS02 0.70±0.05 1.16±0.05 8.00±0.10 1.75±0.05 3.50±0.05 4.00±0.10 2.00±0.10 2.00±0.05 1.55±0.05 0.40±0.03
TCS03 1.10±0.05 1.90±0.05 8.00±0.10 1.75±0.05 3.50±0.05 4.00±0.10 4.00±0.10 2.00±0.05 1.55±0.05 0.60±0.03
TCS05 1.60±0.05 2.37±0.05 8.00±0.10 1.75±0.05 3.50±0.05 4.00±0.10 4.00±0.10 2.00±0.05 1.55±0.05 0.75±0.05
TCS06 2.00±0.05 3.55±0.05 8.00±0.10 1.75±0.05 3.50±0.05 4.00±0.10 4.00±0.10 2.00±0.05 1.55±0.05 0.75±0.05
Paper Tape Specifications
Peel – off force
Peel force of top cover tape
The peel speed shall be about 300mm/min5±5%
The peel force of top cover tape shall be between 10 to 100g



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com