Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPR Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # UPR
Description  Ultra Precision Resistor Networks
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

UPR Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  UPR Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. UPR Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. UPR Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. UPR Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. UPR Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. UPR Datasheet HTML 6Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Taiwan Factory: +886 2 29810109
http://www.token.com.tw
rfq@token.com.tw
China Factory: +86 755 26055363
Page: 1/5
Product Introduction
Features :
 Precision tolerance tight to T(±0.01%).
 Superior TCR narrowed to C10 (±2 ppm/℃).
 Precision metal film networks, Lead (Pb)-free
and RoHS compliant.
 Any value available within resistance range,
excellent stability and reliability.
Applications :
 Bridge Circuitry.
 Precision Amplifiers.
 Test and Measurement.
 Medical, Precision Bypass.
 Simulation Equipment, Divider.
 High Precision Instrumentation.
 Audio (High End Stereo Equipment).
 Commercial Avionics, Data Convertors.
Providing design engineers with an economical means of
creating precision voltage dividers and set accurate amplifier
gains for a wide range of applications, Token Electronics is
offering its series of precision thin-film networks.
Constructed with Token EE/RE 1/10 series to form a stable,
high precision and low temperature coefficient. The networks
are protected from moisture by a proprietary passivation
material.
Customer can specify Tolerance and Temperature Coefficient
range designed to satisfy challenging and specific technical requirements. The resistance and TCR
range makes these networks ideal for a number of applications, including test and measurement
devices, commercial avionics and medical equipment or devices. Other applications for the networks
are instrumentation amplifiers, measurement bridge circuitry, data convertors and precision analogue
circuits.
The thin-film networks also can be designed with custom schematics to meet individual customer
specifications. The networks provide excellent resistor precision and accuracy with resistor tolerances
to ±0.01%. They have TCR values to ±2ppm/℃, providing superior performance over the military
temperature range.
UPR Series equate IRC, EBG Precision Devices with fast delivery and more competitive price. For
non-standard technical requirements and special applications, please contact us. Besides, you can link
to Token official website "Precision Resistors" to get more information.
UPR Versus UPSC Series:
 UPSC Series have the advantage of compact body size.
 The electric characteristics of UPR and UPSC are the same.
 UPR Series have the advantage of wider resistance range 10Ω~5MΩ.
Token's wider Ohmic range precision resistor networks
have more options.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com