Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS05FPDRR010N Datasheet(PDF) 9 Page - Token Electronics Industry Co., Ltd.

Part # TCS05FPDRR010N
Description  Chip Current Sensing Precision Resistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TCS05FPDRR010N Datasheet(HTML) 9 Page - Token Electronics Industry Co., Ltd.

Back Button TCS05FPDRR010N Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TCS05FPDRR010N Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TCS05FPDRR010N Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TCS05FPDRR010N Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TCS05FPDRR010N Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TCS05FPDRR010N Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TCS05FPDRR010N Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TCS05FPDRR010N Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. TCS05FPDRR010N Datasheet HTML 10Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Taiwan Factory: +886 2 29810109
http://www.token.com.tw
rfq@token.com.tw
China Factory: +86 755 26055363
Page: 8/9
Order Codes
Order Codes (TCS)
TCS
02
D
TR
E
1R00
N
Part
Type
Dimensions
(L×W)
(mm)
02
0402
03
0603
05
0805
06
1206
10
2010
12
2512
Resistance
Tolerance
(%)
F
±1
D
±0.5
Package
P
Bulk
TR
Taping
Reel
TCR
(ppm/℃)
D
±50
E
±100
F
±200
Power Rating
(W)
Standard
R
3W
Resistance
(Ω)
R010
0.01
R100
0.100
1R00
1.000
Marking
Standard
Marking
N
No
Marking
3 Digit Marking (0603) (TCS)
Resistance
1Ω
0.1Ω
0.15Ω
0.01Ω
0.101Ω
0.035Ω
Codes
1R0
R10
R15
R01
101
035
4 Digit Marking (0805~2512) (TCS)
Resistance
1Ω
0.1Ω
0.05Ω
0.015Ω
0.01Ω
0.39Ω
Codes
1R00
R100
R050
R015
R010
R390



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com