Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWR13FPC1O10R0 Datasheet(PDF) 8 Page - Token Electronics Industry Co., Ltd.

Part # PWR13FPC1O10R0
Description  Pulse Withstanding Chip Resistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

PWR13FPC1O10R0 Datasheet(HTML) 8 Page - Token Electronics Industry Co., Ltd.

Back Button PWR13FPC1O10R0 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. PWR13FPC1O10R0 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. PWR13FPC1O10R0 Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. PWR13FPC1O10R0 Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. PWR13FPC1O10R0 Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. PWR13FPC1O10R0 Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. PWR13FPC1O10R0 Datasheet HTML 10Page - Token Electronics Industry Co., Ltd. PWR13FPC1O10R0 Datasheet HTML 11Page - Token Electronics Industry Co., Ltd. PWR13FPC1O10R0 Datasheet HTML 12Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
http://www.token.com.tw
rfq@token.com.tw
Taiwan Factory: +886 2 29810109
China Factory: +86 755 26055363
Page: 7/13
Continuous Pulse of Pulse Withstanding Chip Resistor (PWR)
Continuous Pulse of Pulse Withstanding Chip Resistor (PWR)
Pulse Voltage of Chip Resistor (PWR)
Note: The continuous load graph was obtained by applying repetitive rectangular pulses where the pulse period was adjusted
so that the average power dissipated in the resistor was equal to its rated power at 70℃. Again the limit of acceptance was a
shift in resistance of less than 1% from the initial value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com