Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RMCC51KM Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # RMCC51KM
Description  High Voltage Metal Ceramic Resistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

RMCC51KM Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  RMCC51KM Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. RMCC51KM Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. RMCC51KM Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. RMCC51KM Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. RMCC51KM Datasheet HTML 5Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
http://www.token.com.tw
rfq@token.com.tw
Taiwan Factory: +886 2 29810109
China Factory: +86 755 26055363
Page: 1/4
Product Introduction
Features :
 Operating Temperature -40℃ ~ 155℃.
 Resistance Tolerance K(±10%), M(±20%).
 Typical resistance range 470 ohm ~ 100 Kohm.
 Replaces 1 and 2 watt carbon composition
resistors.
 Suitable for noise suppressor of engine ignition
system.
 High peak power, Reliable with
non-disconnection failure.
 Rated Wattage up 5W, meets high energy density
demands.
Applications :
 Radar, Motor Drives, Broadcast Transmitters,
 X-Ray, Lasers, Medical Defibrillators,
 Dynamic Braking, Soft-start/Current-limit,
 Snubber Circuits, Dummy Loads, Energy
Research,
 RF Amplifiers, Semiconductor Process, Power
Conditioning.
Following market demands, Token Electronics provided an extent
of Bulk Ceramic Composition RMCA, RMCB Series to RMCC
Series. The cap and lead assemblies are pressed onto the RMCC
resistor core, finishing the resistor and providing rugged terminal
attachment.
Token Surge Resistors - RMCC Series are primarily designed for
high voltage, power charging/discharging circuits, surge energy
applications and conform to the RoHS directive and Lead-free.
For customed designs, tighter tolerances, non-standard technical
requirements, or custom special applications, please contact us, or link to Token official website "High
Voltage Resistors" to get more information.
Bulk Ceramic Construction:
 Bulk metal ceramic resistors that consists of a clay, alumina, and ceramic filler that has been blended and
pressurized into a resistive core and then covered with a molded outer insulating core.
Replacement Carbon-Composition Resistors:
 Design requirements for custom sizes, surface mount, or special footprints can be met easily.
 In cases where several carbon-composition resistors have been used together in an array to achieve a
particular rating, they have been replaced with a single bulk ceramic resistor, frequently at a lower installed
cost.
Metal Ceramic Resistor is The Way Allows Energy and
Power to be Uniformly Distributed.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com