Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPR100RBC5P Datasheet(PDF) 6 Page - Token Electronics Industry Co., Ltd.

Part # UPR100RBC5P
Description  Ultra Precision Resistor Networks
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

UPR100RBC5P Datasheet(HTML) 6 Page - Token Electronics Industry Co., Ltd.

  UPR100RBC5P Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. UPR100RBC5P Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. UPR100RBC5P Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. UPR100RBC5P Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. UPR100RBC5P Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. UPR100RBC5P Datasheet HTML 6Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Taiwan Factory: +886 2 29810109
http://www.token.com.tw
rfq@token.com.tw
China Factory: +86 755 26055363
Page: 5/5
General Information
High Precision Devices Made in Token
Token is equipped to design and produce custom components to meet many design and reliability
demands.
Token's line of high-reliability and precision products reflects a long-term commitment to our
industrial and military customers. In addition to standard industry-grade resistor products, we also
have many resistive products designed to meet various military source-controlled drawings.
We continually strive to meet the changing application requirements of the markets by developing new
products and manufacturing technologies on an on-going basis.
Enhanced Precision and Stability for Low-Cost Uses
Every component Token provides to the commercial, industrial, and military markets for
cost-efficiency uses is backed by the comprehensive testing and failure analysis capabilities of our own
technical staff, whom are industrial experts in understanding and meeting the requirements of the
environment.
Low TCR - Fast Approach to a Steady State
Token Electronics provides a precision Temperature Coefficient of Resistance TCR as low as 2 ppm/℃,
If you must guarantee a smaller resistance change in your application. TCR is the best known
parameter used to specify a resistor’s stability, and is used to depict the resistive element’s sensitivity
to temperature change due to ambient temperature variations.
A resistor's TCR tells how much its value changes as its temperature changes. It is usually expressed in
ppm/℃ (parts per million per degree Centigrade) units.
Long-Term Proven Service
Our technical expertise, our knowledge of the industry, our broad product offering, and our ability to
work long-term are all part of Token’s ongoing commitment to meeting the changing requirements of
our most reliability-conscious customer, today and in the future.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com