Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IF1320 Datasheet(PDF) 1 Page - InterFET Corporation

Part # IF1320
Description  N-Channel Silicon Junction Field-Effect Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation

IF1320 Datasheet(HTML) 1 Page - InterFET Corporation

  IF1320 Datasheet HTML 1Page - InterFET Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
B-30
01/99
IF1320
N-Channel Silicon Junction Field-Effect Transistor
¥ Low-Noise, High Gain Amplifier
Absolute maximum ratings at TA = 25¡C
Reverse Gate Source & Reverse Gate Drain Voltage
– 20 V
Continuous Forward Gate Current
10 mA
Continuous Device Power Dissipation
225 mW
Power Derating
1.8 mW°C
Storage Temperature Range
– 65°C to 200°C
TOÐ236AB Package
Dimensions in Inches (mm)
Pin Configuration
1 Drain, 2 Source, 3 Gate
At 25°C free air temperature:
IF1320
Process NJ132L
Static Electrical Characteristics
Min
Max
Unit
Test Conditions
Gate Source Breakdown Voltage
V(BR)GSS
– 20
V
IG = – 1 µA, VDS = ØV
Gate Reverse Current
IGSS
– 0.1
nA
VDS = ØV, VGS = – 10V
Gate Source Cutoff Voltage
VGS(OFF)
– 0.35
– 1.5
V
VDS = 10V, ID = 0.5 nA
Drain Saturation Current (Pulsed)
IDSS
520
mA
VDS = 10V, VGS = ØV
Dynamic Electrical Characteristics
Common Source
gfs
15
mS
VDS = 10V, ID = 5 mA
f = 1 kHz
Forward Transconductance
Common Source Input Capacitance
Ciss
20
pF
VDS = 10V, ID = 5 mA
f = 1 MHz
Common Source
Crss
5pF
VDS = 10V, ID = 5 mA
f = 1 MHz
Reverse Transfer Capacitance
Typ
Equivalent Short Circuit
¯eN
2.5
nV/
√Hz V
DS = 10 V, ID = 5 mA
f = 1 kHz
Input Noise Voltage
1000 N. Shiloh Road, Garland, TX 75042
(972) 487-1287 FAX (972) 276-3375
www.interfet.com
Databook.fxp
1/14/99 1:50 PM
Page B-30


Similar Part No. - IF1320

ManufacturerPart #DatasheetDescription
logo
InterFET Corporation
IF1330 INTERFET-IF1330 Datasheet
59Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
IF1331 INTERFET-IF1331 Datasheet
62Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
logo
Banner Engineering Corp...
IF13PM600 BANNER-IF13PM600 Datasheet
15Mb / 42P
Fiber Optic Systems
IF13PM900 BANNER-IF13PM900 Datasheet
15Mb / 42P
Fiber Optic Systems
IF13PMXX BANNER-IF13PMXX Datasheet
15Mb / 42P
Fiber Optic Systems
More results

Similar Description - IF1320

ManufacturerPart #DatasheetDescription
logo
InterFET Corporation
2N3821 INTERFET-2N3821 Datasheet
94Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
J232 INTERFET-J232 Datasheet
92Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
J110 INTERFET-J110 Datasheet
92Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
IF4501 INTERFET-IF4501 Datasheet
91Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
IF1801 INTERFET-IF1801 Datasheet
91Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
IFN5432 INTERFET-IFN5432 Datasheet
99Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
J112 INTERFET-J112 Datasheet
98Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
J304 INTERFET-J304 Datasheet
100Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
U309 INTERFET-U309 Datasheet
99Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
logo
New Jersey Semi-Conduct...
U311 NJSEMI-U311 Datasheet
92Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com