Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL28PCIe10ALI Datasheet(PDF) 2 Page - Silicon Laboratories

Part # SL28PCIe10ALI
Description  EProClock짰PCI-Express Gen 2 Clock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28PCIe10ALI Datasheet(HTML) 2 Page - Silicon Laboratories

  SL28PCIe10ALI Datasheet HTML 1Page - Silicon Laboratories SL28PCIe10ALI Datasheet HTML 2Page - Silicon Laboratories SL28PCIe10ALI Datasheet HTML 3Page - Silicon Laboratories SL28PCIe10ALI Datasheet HTML 4Page - Silicon Laboratories SL28PCIe10ALI Datasheet HTML 5Page - Silicon Laboratories SL28PCIe10ALI Datasheet HTML 6Page - Silicon Laboratories SL28PCIe10ALI Datasheet HTML 7Page - Silicon Laboratories SL28PCIe10ALI Datasheet HTML 8Page - Silicon Laboratories SL28PCIe10ALI Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
SL28PCIe10
.......................................Document #: Rev 1.1 Page 2 of 16
32-QFN Pin Definitions
Programmable Single ended clock
SL28PCIe10 allows flexibility of programming any frequency
at single ended output Prog_SE.
Prog_SE can be factory programmed to any frequency as
required by the end user with a 3.3V swing single ended
output. This clock can have a feature of Spread Spectrum to
reduce EMI.
Pin No.
Name
Type
Description
1
VDD
PWR 3.3V Power supply
2
VSS
GND
Ground
3
NC
NC
No Connect.
4
NC
NC
No Connect.
5
VDD_27
PWR 3.3V Power supply
6
27M_NSS
O,SE Non-spread 27MHz video clock output
7
Prog_SE
O, SE Spreadable Programmable Single-Ended clock output
8
VSS_27
GND
Ground
9
VSS_SRC
GND
Ground
10
SRC0
O, DIF 100MHz True differential serial reference clock
11
SRC0#
O, DIF 100MHz Complement differential serial reference clock
12
VSS_SRC
GND
Ground
13
SRC1
O, DIF 100MHz True differential serial reference clock
14
SRC1#
O, DIF 100MHz Complement differential serial reference clock
15
VDD_SRC_IO
PWR Scalable 3.3V to 1.05V power supply for output buffer
16
OE#_SRC2_SRC3
I
3.3V tolerance input to disable Output on Pin 7 and Pin 8
17
VDD_SRC
PWR 3.3V Power supply
18
VDD_SRC_IO
PWR Scalable 3.3V to 1.05V power supply for output buffer
19
SRC2#
O, DIF 100MHz True differential serial reference clock
20
SRC2
O, DIF 100MHz Complement differential serial reference clock
21
VSS_SRC
GND
Ground
22
SRC3#
O, DIF 100MHz True differential serial reference clock
23
SRC3
O, DIF 100MHz Complement differential serial reference clock
24
VDD_SRC
PWR 3.3V Power supply
25
CK_PWRGD/PD#
I
3.3V LVTTL input. After CK_PWRGD (active HIGH) assertion, this pin becomes a
real-time input for asserting power down (active LOW)
26
VSS_REF
GND
Ground
27
XOUT
O, SE 25MHz Crystal output
28
XIN
I
25MHz Crystal input
29
VDD_REF
PWR 3.3V Power supply for outputs and also maintains SMBUS registers during
power-down
30
REF
PD, I/O Reference 25MHz clock output
31
SDATA
I/O
SMBus compatible SDATA
32
SCLK
I
SMBus compatible SCLOCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com