Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL28PCIe10ALIT Datasheet(PDF) 8 Page - Silicon Laboratories

Part # SL28PCIe10ALIT
Description  EProClock짰PCI-Express Gen 2 Clock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28PCIe10ALIT Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button SL28PCIe10ALIT Datasheet HTML 4Page - Silicon Laboratories SL28PCIe10ALIT Datasheet HTML 5Page - Silicon Laboratories SL28PCIe10ALIT Datasheet HTML 6Page - Silicon Laboratories SL28PCIe10ALIT Datasheet HTML 7Page - Silicon Laboratories SL28PCIe10ALIT Datasheet HTML 8Page - Silicon Laboratories SL28PCIe10ALIT Datasheet HTML 9Page - Silicon Laboratories SL28PCIe10ALIT Datasheet HTML 10Page - Silicon Laboratories SL28PCIe10ALIT Datasheet HTML 11Page - Silicon Laboratories SL28PCIe10ALIT Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
SL28PCIe10
.......................................Document #: Rev 1.1 Page 8 of 16
Byte 13: Control Register 13
1
1
RESERVED
RESERVED
0
1
RESERVED
RESERVED
Byte 10: Control Register 10 (continued)
Bit
@Pup
Name
Description
Byte 11: Control Register 11
Bit
@Pup
Name
Description
7
0
RESERVED
RESERVED
6
0
RESERVED
RESERVED
5
0
RESERVED
RESERVED
4
0
RESERVED
RESERVED
3
0
RESERVED
RESERVED
2
1
RESERVED
RESERVED
1
1
RESERVED
RESERVED
0
1
RESERVED
RESERVED
Byte 12: Byte Count
Bit
@Pup
Name
Description
7
0
BC7
Byte count register for block read operation.
The default value for Byte count is 15.
In order to read beyond Byte 15, the user should change the byte count
limit.to or beyond the byte that is desired to be read.
60
BC6
50
BC5
40
BC4
31
BC3
21
BC2
11
BC1
01
BC0
Bit
@Pup
Name
Description
7
1
REF_Bit2
Drive Strength Control - Bit[2:0], Note: See Byte 6 Bit 5 for REF Slew Rate Bit 1 and
Byte 6 Bit 3 for 27MHz Slew Rate Bit 1
Normal mode default ‘101’
Wireless Friendly Mode default to ‘111’
61
REF_Bit0
5
1
27MHz_NSS_Bit2
4
1
27MHz_NSS_Bit0
3
1
Prog_SE_Bit2
2
1
Prog_SE_Bit0
1
0
RESERVED
RESERVED
0
0
Wireless Friendly mode
Wireless Friendly Mode
0 = Disabled, Default all single-ended clocks slew rate config bits to ‘101’
1 = Enabled, Default all single-ended clocks slew rate config bits to ‘111’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com