Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL28PCIe26ALCT Datasheet(PDF) 8 Page - Silicon Laboratories

Part # SL28PCIe26ALCT
Description  EProClock짰 PCI Express Gen 2 & Gen 3 Generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28PCIe26ALCT Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button SL28PCIe26ALCT Datasheet HTML 4Page - Silicon Laboratories SL28PCIe26ALCT Datasheet HTML 5Page - Silicon Laboratories SL28PCIe26ALCT Datasheet HTML 6Page - Silicon Laboratories SL28PCIe26ALCT Datasheet HTML 7Page - Silicon Laboratories SL28PCIe26ALCT Datasheet HTML 8Page - Silicon Laboratories SL28PCIe26ALCT Datasheet HTML 9Page - Silicon Laboratories SL28PCIe26ALCT Datasheet HTML 10Page - Silicon Laboratories SL28PCIe26ALCT Datasheet HTML 11Page - Silicon Laboratories SL28PCIe26ALCT Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
SL28PCIe26
DOC#: SP-AP-0774 (Rev. 0.2)
Page 8 of 14
.
PD# (Power down) Clarification
The CKPWRGD/PD# pin is a dual-function pin. During initial
power up, the pin functions as CKPWRGD. Once CKPWRGD
has been sampled HIGH by the clock chip, the pin assumes
PD# functionality. The PD# pin is an asynchronous active
LOW input used to shut off all clocks cleanly before shutting
off power to the device. This signal is synchronized internally
to the device before powering down the clock synthesizer. PD#
is also an asynchronous input for powering up the system.
When PD# is asserted LOW, clocks are driven to a LOW value
and held before turning off the VCOs and the crystal oscillator.
PD# (Power down) Assertion
When PD is sampled HIGH by two consecutive rising edges
of SRCC, differential clocks must held LOW. When PD mode
is desired as the initial power on state, PD must be asserted
HIGH in less than 10
s after asserting CKPWRGD.
PD# Deassertion
The power up latency is less than 1.8 ms. This is the time from
the deassertion of the PD# pin or the ramping of the power
supply until the time that stable clocks are generated from the
clock chip. All differential outputs stopped in a three-state
condition, resulting from power down are driven high in less
than 300
s of PD# deassertion to a voltage greater than
200 mV. After the clock chip’s internal PLL is powered up and
locked, all outputs are enabled within a few clock cycles of
each clock. Figure 2 is an example showing the relationship of
clocks coming up.
.
40
OTP_4
OTP_ID
Idenification for programmed device
30
OTP_3
21
OTP_2
10
OTP_1
01
OTP_0
Bit
@Pup
Name
Description
Table 4. Output Driver Status
All Differential Clocks
Clock
Clock#
PD# = 0 (Power down)
Low
Low
Figure 1. Power down Assertion Timing Waveform
Figure 2. Power down Deassertion Timing Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com