Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2,5MB Datasheet(PDF) 2 Page - Lumberg

Part # 2,5MB
Description  Minimodul connectors, pitch 2.5 mm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

2,5MB Datasheet(HTML) 2 Page - Lumberg

  2,5MB Datasheet HTML 1Page - Lumberg 2,5MB Datasheet HTML 2Page - Lumberg 2,5MB Datasheet HTML 3Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
31 2,5 MB
01/2018
2
*a
*a
printed circuit board layout
Environmental conditions
Temperature range
-40 °C/+120 °C
Materials
Insulating body
PA GF, V-0 according to UL94 1
Contact spring
CuSn, pre-nickel and tin-plated
1
component glow wire resistant (GWT 750 °C), testing acc. to IEC 60695-2-11, assessment acc. to
IEC 60335-1 (flame < 2 s)
Mechanical data
Insertion force/contact
≤ 5,0 N
Withdrawal force/contact
≥ 0,5 N
Electrical data (at Tamb 20 °C)
Contact resistance
≤ 10 mΩ
Rated current
5 A
Rated voltage
32 V AC
Material group
IIIa (CTI ≥ 250)
Creepage distance
≥ 1,3 mm
Clearance
≥ 1,3 mm
Insulation resistance
> 1 GΩ
Associated products
Counterparts
�
2,5 MS
Accessories
�
MBSP
of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com