Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2,54MKB Datasheet(PDF) 2 Page - Lumberg

Part # 2,54MKB
Description  Shorting links, pitch 2.5/2.54 mm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

2,54MKB Datasheet(HTML) 2 Page - Lumberg

  2,54MKB Datasheet HTML 1Page - Lumberg 2,54MKB Datasheet HTML 2Page - Lumberg 2,54MKB Datasheet HTML 3Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
41 2,54 MKB
01/2018
2
*a
test pick-up
Environmental conditions
Temperature range
-25 °C/+100 °C
Materials
Insulating body
PA, V-2 according to UL94
Contact spring
CuSn, tin-plated – 2,54 MKB
CuSn, pre-nickel and gold-plated –
2,54 MKB/V
Mechanical data
Mating cycles
≥ 25 – 2,54 MKB
≥ 150 – 2,54 MKB/V 1
Insertion force
≤ 5,0 N – 2,54 MKB
≤ 4,0 N – 2,54 MKB/V 2
Withdrawal force
≥ 2,0 N 2
1
measured with appropriate counterparts (tin-plated/gold-plated)
2
measured with a polished steel pin, nominal thickness 0.64 mm x 0.64 mm
Electrical data (at Tamb 20 °C)
Contact resistance
≤ 10 mΩ – 2,54 MKB
≤ 5 mΩ – 2,54 MKB/V
Rated current
2,5 A
Material group
I (CTI ≥ 600)
Insulation resistance
> 1 GΩ
Associated products
Counterparts
�
2,5 MS
�
2,5 MSF
�
2,5 MSF/O
�
2,5 MSFQ
�
2,5 MSFQ/O
�
2,5 MSFW
�
2,5 MSFW/O
�
2,5 MSFWQ
�
2,5 MSFWQ/O
�
3850
�
3851
�
3852
�
3853
�
8385 A 01
of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com