Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OCL-400SW Datasheet(PDF) 3 Page - OSA Opto Light GmbH

Part # OCL-400SW
Description  White ??high CRI
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSA [OSA Opto Light GmbH]
Direct Link  http://www.osa-opto.com
Logo OSA - OSA Opto Light GmbH

OCL-400SW Datasheet(HTML) 3 Page - OSA Opto Light GmbH

  OCL-400SW Datasheet HTML 1Page - OSA Opto Light GmbH OCL-400SW Datasheet HTML 2Page - OSA Opto Light GmbH OCL-400SW Datasheet HTML 3Page - OSA Opto Light GmbH OCL-400SW Datasheet HTML 4Page - OSA Opto Light GmbH OCL-400SW Datasheet HTML 5Page - OSA Opto Light GmbH OCL-400SW Datasheet HTML 6Page - OSA Opto Light GmbH OCL-400SW Datasheet HTML 7Page - OSA Opto Light GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
White – high CRI
OCL-400 SW/SWW
Copyright © 2014 OSA Opto Light GmbH. All Rights Reserved
www.osa-opto.com
edition 12/14
Page/Seite 3/7
1
10
2,6
2,7
2,8
2,9
3,0
3,1
3,2
3,3
3,4
3,5
UF (V)
 Performance Diagram
Kennlinien
Forward Current vs. Forward Voltage
Flussstrom über Flussspannung
Intensity vs. Forward Current
Strahlstärke über Flussstrom
Color coordinates and classes (warm white)
Farbkoordinaten und –klassen (warm weiß)
Color coordinates and classes (cool white)
Farbkoordinaten und –klassen (kalt weiß)
View Angle
Abstrahlung
Maximum Forward Current vs. Ambient Temperature
Max. Flussstrom über Umgebungstemperatur
0
102030
1
2
IF (mA)
0
30
60
90
120
150
180
0,0
0,2
0,4
0,6
0,8
1,0
0,0
-40
-20
0
2040
6080
100
0
10
20
30
T
op[°C]
0,22
0,26
0,30
0,34
0,38
0,27
0,29
0,31
0,33
0,35
X
2
6
5
4
3
1
7
0,32
0,34
0,36
0,38
0,40
0,42
0,44
0,46
0,48
0,39
0,41
0,43
0,45
0,47
0,49
X
2
6
5
4
3
1
7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com