Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3471 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3471
Description  Dual 1.3A, 1.2MHz Boost/Inverter in 3mm x 3mm DFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3471 Datasheet(HTML) 2 Page - Linear Technology

  LT3471 Datasheet HTML 1Page - Linear Technology LT3471 Datasheet HTML 2Page - Linear Technology LT3471 Datasheet HTML 3Page - Linear Technology LT3471 Datasheet HTML 4Page - Linear Technology LT3471 Datasheet HTML 5Page - Linear Technology LT3471 Datasheet HTML 6Page - Linear Technology LT3471 Datasheet HTML 7Page - Linear Technology LT3471 Datasheet HTML 8Page - Linear Technology LT3471 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT3471
3471f
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Operating Voltage
2.1
2.4
V
Reference Voltage
0.991
1.000
1.009
V
●
0.987
1.013
V
Reference Voltage Current Limit
(Note 3)
1
1.4
mA
Reference Voltage Load Regulation
0mA ≤ IREF ≤ 100µA (Note 3)
0.1
0.2
%/100µA
Reference Voltage Line Regulation
2.6V ≤ VIN ≤ 16V
0.03
0.08
%/V
Error Amplifier Offset
Transition from Not Switching to Switching, VFBP = VFBN = 1V
±2
±3mV
FB Pin Bias Current
(Note 3)
●
60
100
nA
Quiescent Current
VSHDN = 1.8V, Not Switching
2.5
4
mA
Quiescent Current in Shutdown
VSHDN = 0.3V, VIN = 3V
0.01
1
µA
Switching Frequency
1
1.2
1.4
MHz
Maximum Duty Cycle
90
94
%
●
86
%
Minimum Duty Cycle
15
%
Switch Current Limit
At Minimum Duty Cycle
1.5
2.05
2.6
A
At Maximum Duty Cycle (Note 4)
0.9
1.45
2.0
A
Switch VCESAT
ISW = 1.3A (Note 5)
330
440
mV
Switch Leakage Current
VSW = 5V
0.01
1
µA
SHDN/SS Input Voltage High
1.8
V
SHDN Input Voltage Low
Quiescent Current ≤ 1µA
0.3
V
SHDN Pin Bias Current
VSHDN = 3V, VIN = 4V
22
36
µA
VSHDN = 0V
0
0.1
µA
(Note 1)
VIN Voltage .............................................................. 16V
SW1, SW2 Voltage ....................................– 0.4V to 42V
FB1N, FB1P, FB2N, FB2P Voltage ....... 12V or VIN – 1.5V
SHDN/SS1, SHDN/SS2 Voltage .............................. 16V
VREF Voltage ........................................................... 1.5V
Maximum Junction Temperature ......................... 125°C
Operating Temperature Range (Note 2) .. – 40°C to 85°C
Storage Temperature Range ................. – 65°C to 125°C
The
● denotes specifications which apply over the full operating
temperature range, otherwise specifications are TA = 25°C. VIN = VSHDN = 3V unless otherwise noted.
ORDER PART
NUMBER
LT3471EDD
DD PART MARKING
LBHM
TJMAX = 125°C, θJA = 43°C/ W, θJC = 3°C/ W
EXPOSED PAD (PIN 11) IS GND
MUST BE SOLDERED TO PCB
ELECTRICAL CHARACTERISTICS
PACKAGE/ORDER I FOR ATIO
ABSOLUTE
AXI U
RATI GS
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Note 1: Absolute Maximum Ratings are those values beyond which the life of
a device may be impaired.
Note 2: The LT3471E is guaranteed to meet performance specifications from
0°C to 70°C. Specifications over the –40°C to 85°C operating temperature
range are assured by design, characterization and correlation with statistical
process controls.
TOP VIEW
11
DD PACKAGE
10-LEAD (3mm × 3mm) PLASTIC DFN
10
9
6
7
8
4
5
3
2
1
SW1
SHDN/SS1
VIN
SHDN/SS2
SW2
FB1N
FB1P
VREF
FB2P
FB2N
Note 3: Current flows out of the pin.
Note 4: See Typical Performance Characteristics for guaranteed current
limit vs duty cycle.
Note 5: VCESAT is 100% tested at wafer level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com