Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D882-R Datasheet(PDF) 1 Page - Micro Commercial Components

Part # D882-R
Description  NPN Silicon Plastic-Encapsulate Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

D882-R Datasheet(HTML) 1 Page - Micro Commercial Components

  D882-R Datasheet HTML 1Page - Micro Commercial Components D882-R Datasheet HTML 2Page - Micro Commercial Components D882-R Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NP
N Silicon
Plastic-Encapsulate
Transistor
Features
Maximum Ratings @ 25OC Unless Otherwise Specified
CLASSIFICATION OF HFE (1)
Rank
R
O
Y
GR
Range
60-120
100-200
160-320
200-400
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
Revision:
A
20
17/01/20
www.mccsemi.com
1 of
3
D882-R
D882-O
D882-Y
D882-GR
DIMENSIONS
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
0.087
0.094
2.20
2.40
B
0.000
0.005
0.00
0.13
C
0.026
0.034
0.66
0.86
D
0.018
0.023
0.46
0.58
E
0.256
0.264
6.50
6.70
F
0.201
0.215
5.10
5.46
G
0.190
4.83
H
0.236
0.244
6.00
6.20
J
0.386
0.409
9.80
10.40
PIN 1.
BASE
PIN 2.4 COLLECTOR
PIN 3.
EMITTER
INCHES
O
0.043
0.051
1.10
1.30
Q
A
D
B
L
G
V
K
C
I
J
H
O
M
F
1
2
3
I
0.086
0.094
2.18
2.39
K
0.114
2.90
4
E
M
0.063
1.60
L
0.055
0.067
1.40
1.70
Q
0.000
0.012
0.00
0.30
V
0.211
5.35
DPAK
• Halogen free available upon request by adding suffix "-HF"
• Lead Free Finish/RoHS Compliant("P" Suffix designates
RoHS Compliant. See ordering information)
• Epoxy meets UL94V-0 flammability rating
• Moisure Sensitivity Level 1
Micro Commercial Components
M C C
R
VCEO
Collector-Emitter Voltage
30
V
VCBO
Collector-Base Voltage
40
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current-Continuous
3
A
PC
Collector Dissipation
1.25
W
TJ
Operating Junction Temperature
150
TSTG
Storage Temperature
-55 to +150
Symbol
Rating
Rating
Unit
Symbol
Parameter
Min
Typ
Max
Units
V(BR)CEO
Collector-Emitter Breakdown Voltage
(IC=10mAdc, IB=0)
30
---
-
Vdc
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=100
µAdc, I
E=0)
40
---
-
Vdc
V(BR)EBO
Emitter-Base Breakdown Voltage
(IE=100
µAdc, I
C=0)
6
Vdc
ICBO
Collector Cutoff Current
(VCB=40Vdc, IE=0)
---
---
1
µAdc
IEBO
Emitter Cutoff Current
(VEB=6Vdc, IC=0)
---
-
1
µAdc
hFE
DC Current Gain
(IC=1Adc, VCE=2Vdc)
60
60
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=2Adc, IB=0.2Adc)
---
-
0.5
Vdc
ft
Transition frequency
(VCE=5Vdc, f=10MHz, IC=0.1A)
MHz
VBE(sat)
Base-Emitter Saturation Voltage
(IC=2Adc, IB=0.2Adc)
---
-
1.5
Vdc
ICEO
Collector Cutoff Current
(VCE=30Vdc, IB=0)
---
---
10
µAdc
Electrical Characteristics @ 25
OC Unless Otherwise Specified
---
-
---
-
---
-
---
-
---
400
---
-
---
-
90


Similar Part No. - D882-R

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
D882-TO-126 JIANGSU-D882-TO-126 Datasheet
131Kb / 2P
TRANSISTOR竊?NPN 竊
D882-TO-251 JIANGSU-D882-TO-251 Datasheet
1,017Kb / 3P
TRANSISTOR竊뉿PN竊
More results

Similar Description - D882-R

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SC3052 SECOS-2SC3052 Datasheet
352Kb / 3P
NPN Silicon Plastic-Encapsulate Transistor
A44 SECOS-A44 Datasheet
314Kb / 3P
NPN Silicon Plastic-Encapsulate Transistor
logo
Micro Commercial Compon...
2SD669 MCC-2SD669 Datasheet
280Kb / 2P
NPN Silicon Plastic-Encapsulate Transistor
MS8050-L MCC-MS8050-L Datasheet
224Kb / 3P
NPN Silicon Plastic-Encapsulate Transistor
MMS9014-L MCC-MMS9014-L Datasheet
189Kb / 2P
NPN Silicon Plastic-Encapsulate Transistor
MJE3055 MCC-MJE3055 Datasheet
246Kb / 3P
NPN Silicon Plastic-Encapsulate Transistor
MJE13001 MCC-MJE13001 Datasheet
247Kb / 3P
NPN Silicon Plastic-Encapsulate Transistor
MJE13002 MCC-MJE13002 Datasheet
257Kb / 2P
NPN Silicon Plastic-Encapsulate Transistor
MJE13002B MCC-MJE13002B Datasheet
182Kb / 2P
NPN Silicon Plastic-Encapsulate Transistor
MJE13002B MCC-MJE13002B_13 Datasheet
236Kb / 2P
NPN Silicon Plastic-Encapsulate Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com