Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N3019 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 2N3019
Description  LOW POWER NPN SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N3019 Datasheet(HTML) 2 Page - Microsemi Corporation

  2N3019 Datasheet HTML 1Page - Microsemi Corporation 2N3019 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N3019, 2N3019S, 2N3057A, 2N3700, 2N3700UB JAN SERIES
ELECTRICAL CHARACTERISTICS (con’t)
Characteristics
Symbol
Min.
Max.
Unit
OFF CHARACTERISTICS (con’t)
Collector-Emitter Cutoff Current
VCE = 90 Vdc
ICES
10
ηAdc
Emitter-Base Cutoff Current
VEB = 5.0 Vdc
IEBO
10
ηAdc
ON CHARACTERISTICS (1)
Forward-Current Transfer Ratio
IC = 150 mAdc, VCE = 10 Vdc
IC = 0.1 mAdc, VCE = 10 Vdc
IC = 10 mAdc, VCE = 10 Vdc
IC = 500 mAdc, VCE = 10 Vdc
IC = 1.0 Adc, VCE = 10 Vdc
hFE
100
50
90
50
15
300
200
200
Collector-Emitter Saturation Voltage
IC = 150 mAdc, IB = 15 mAdc
IC = 500 mAdc, IB = 50 mAdc
VCE(sat)
0.2
0.5
Vdc
Base-Emitter Saturation Voltage
IC = 150 mAdc, IB = 15 mAdc
VBE(sat)
1.1
Vdc
DYNAMIC CHARACTERISTICS
Small-Signal Short-Circuit Forward Current Transfer Ratio
IC = 1.0 mAdc, VCE = 5.0 Vdc, f = 1.0 kHz
hfe
80
400
Magnitude of Small-Signal Short-Circuit
Forward Current Transfer Ratio
IC = 50 mAdc, VCE = 10 Vdc, f = 20 MHz
h
fe
5.0
20
Output Capacitance
VCB = 10 Vdc, IE = 0, 100 kHz ≤ f ≤ 1.0 MHz
Cobo
12
p
ƒ
Input Capacitance
VEB = 0.5 Vdc, IC = 0, 100 kHz ≤ f ≤ 1.0 MHz
Cibo
60
pF
SAFE OPERATING AREA
DC Tests
TC = 25
0C, 1 Cycle, t = 10 ms
Test 1
VCE = 10 Vdc
2N3019, 2N3019S
IC = 500 mAdc
2N3057A, 2N3700, 2N3700UB
IC = 180 mAdc
Test 2
VCE = 40 Vdc
2N3019, 2N3019S
IC = 125 mAdc
2N3057A, 2N3700, 2N3700UB
IC = 45 mAdc
Test 3
VCE = 80 Vdc
2N3019, 2N3019S
IC = 60 mAdc
2N3057A, 2N3700, 2N3700UB
IC = 22.5 mAdc
(1) Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2.0%.
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com