Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTST-E683RGBW Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part # LTST-E683RGBW
Description  SMD LED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTST-E683RGBW Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  LTST-E683RGBW Datasheet HTML 1Page - Lite-On Technology Corporation LTST-E683RGBW Datasheet HTML 2Page - Lite-On Technology Corporation LTST-E683RGBW Datasheet HTML 3Page - Lite-On Technology Corporation LTST-E683RGBW Datasheet HTML 4Page - Lite-On Technology Corporation LTST-E683RGBW Datasheet HTML 5Page - Lite-On Technology Corporation LTST-E683RGBW Datasheet HTML 6Page - Lite-On Technology Corporation LTST-E683RGBW Datasheet HTML 7Page - Lite-On Technology Corporation LTST-E683RGBW Datasheet HTML 8Page - Lite-On Technology Corporation LTST-E683RGBW Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LITE-ON
TECHNOLOGY
CORPORATION
P r o p e r t y o f L i t e - O n O n l y
Features
* Package i n 8mm t ape on 7" di amet er reel s.
* Compat i bl e wi t h aut omat i c pl acement equi pment .
* Compat i bl e wi t h i nf rar ed and r ef l ow sol der process.
* EIA ST D package.
* I.C. compat i bl e.
* Lead-Free package (Accordi ng t o RoHS).
Package
Dimensions
Part No.
Lens Color
Source Color
Pin Assignment
LTST-E683RGBW
Diffused Lens
AlInGaP Red
1
InGaN Green
4
InGaN Blue
3
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.2 mm (.008") unless otherwise noted.
Part No. : LTST-E683RGBW
Page :
1
of
11
BNS-OD-C131/A4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com