Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP718 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # MCP718
Description  PNP Plastic-Encapsulate Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MCP718 Datasheet(HTML) 2 Page - Micro Commercial Components

  MCP718 Datasheet HTML 1Page - Micro Commercial Components MCP718 Datasheet HTML 2Page - Micro Commercial Components MCP718 Datasheet HTML 3Page - Micro Commercial Components MCP718 Datasheet HTML 4Page - Micro Commercial Components MCP718 Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Revision: A
2 of 5
2016/08/17
www.mccsemi.com
Micro Commercial Components
M C C
R
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=-100µA,IE=0
-25
V
Collector-emitter breakdown voltage*
V(BR)CEO
IC=-10mA,IB=0
-20
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-100µA,IC=0
-7.5
V
Collector cut-off current
ICBO
VCB=-20V,IE=0
-25
Emitter cut-off current
IEBO
EB
V
=-6V , IC=0
-25
nA
VCE=-2V,IC=-10mA
300
VCE=-2V,IC=-100mA
300
VCE=-2V,IC=-2A
150
DC current gain*
hFE
VCE=-2V,IC=-6A
15
IC=-0.1A,IB=-10mA
-30
IC=-1A,IB=-20mA
-220
IC=-1.5A,IB=-50mA
--25
IC=-2.5A,IB=-150mA
-350
Collector-emitter saturation voltage*
VCE(sat)
IC=-3.5A,IB=-350mA
-300
0
mV
Base-emitter turn-on voltage*
VBE(on)
VCE=-2V,IC=-3.5A
--0.95
V
Base-emitter saturation voltage*
VBE(sat)
IB=-350mA,IC=-3.5A
--1.075
V
Transition frequency
fT
VCE=-10V,IC=-50mA,
f=100MHz
150
MHz
Turn-on time
ton
40
Turn-off time
toff
VCB=-10V,IC=-1A,
IB1= IB2=-10mA
670
ns
* Pulse Test : Pulse width
≤300µs, duty cycle ≤2%.
( T
a=25
℃ unless otherwise noted )
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com