Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPSW51AM Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MPSW51AM
Description  PNP Plastic-Encapsulate Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MPSW51AM Datasheet(HTML) 1 Page - Micro Commercial Components

  MPSW51AM Datasheet HTML 1Page - Micro Commercial Components MPSW51AM Datasheet HTML 2Page - Micro Commercial Components MPSW51AM Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Maximum Ratings
Operating temperature : -55
to +150
Storage temperature : -55
to +150
MPSW51
AM
PNP
Plastic-Encapsulate
Transistors
Features
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
Epoxy meets UL 94 V-0 flammability rating
Revision: A
2015/08/06
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
www.mccsemi.com
1 of
3
•
Moisure Sensitivity Level 1
Halogen free available upon request by adding suffix "-HF"
•
Electrical Characteristics @ 25
Unless Otherwise Specified
Symbol
Parameter
Value
Unit
Emitter-Base Voltage
-5
IC
Collector Current -Continuous
-1.0
A
PC
Collector Power Dissipation
1000
mW
RθJA
Thermal Resistance, Junction to Ambient
125
℃/W
Tj
Junction Temperature
150
℃
Tstg
Storage Temperature
-55-150
℃
VCEO
VCBO
VEBO
V
Collector-Emitter Voltage
-
40
V
Collector-Base Voltage
-
50
V
Micro Commercial Components
M C C
TM
TO-92MOD
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.228
.
244
5.80
6.20
.
059
1.50
B
A
C
D
E
F
G
J
K
L
M
H
B
.331
.
346
8.40
8.80
C
.016
.
024
0.40
0.60
.114
.
122
2.90
3.10
F
.543
.
559
13.80
14.20
H
.157
-----
4.00
---
G
.035
.
043
0.90
1.10
DIMENSIONS
E
E
C
B
C
B
STRAIGHT LEAD BENT LEAD
BULK PACK
AMMO PACK
* For ammo packing detailed specification, click here to visit our website
of product packaging for details.
J
.185
.
201
4.70
5.10
K
----
.
063
-----
1.60
L
.016
.
020
0.40
0.50
M
.068
.
080
1.73
2.03
.086
.110
2.20
2.80
Straight Lead
Bent Lead
Straight Lead
Bent Lead
D
E
.173
5.60
4.40
.220


Similar Part No. - MPSW51AM

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSW51A MOTOROLA-MPSW51A Datasheet
123Kb / 4P
ne Watt High Current Transistors
logo
ON Semiconductor
MPSW51A ONSEMI-MPSW51A Datasheet
100Kb / 4P
One Watt High Current Transistors PNP Silicon
March, 2006 ??Rev. 3
MPSW51A ONSEMI-MPSW51A Datasheet
102Kb / 5P
One Watt High Current Transistors
August, 2010 ??Rev. 4
logo
Jiangsu Changjiang Elec...
MPSW51A JIANGSU-MPSW51A Datasheet
557Kb / 4P
TO-92 Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
MPSW51A MCC-MPSW51A Datasheet
374Kb / 3P
PNP Plastic-Encapsulate Transistors
More results

Similar Description - MPSW51AM

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MMDT3906V MCC-MMDT3906V_11 Datasheet
235Kb / 4P
PNP Plastic-Encapsulate Transistors
BC856BM MCC-BC856BM Datasheet
523Kb / 4P
PNP Plastic-Encapsulate Transistors
BCP69-16 MCC-BCP69-16 Datasheet
460Kb / 3P
PNP Plastic-Encapsulate Transistors
MC818B MCC-MC818B Datasheet
514Kb / 4P
PNP Plastic-Encapsulate Transistors
2SB1132-P MCC-2SB1132-P_17 Datasheet
542Kb / 4P
PNP Plastic-Encapsulate Transistors
logo
TECH PUBLIC Electronics...
MMDT2907A TECHPUBLIC-MMDT2907A Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
MMDT5401 TECHPUBLIC-MMDT5401 Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
TPMMDT2907A TECHPUBLIC-TPMMDT2907A Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
TPMMDT3906 TECHPUBLIC-TPMMDT3906 Datasheet
7Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
TPMMDT5401 TECHPUBLIC-TPMMDT5401 Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com