Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD565ATD Datasheet(PDF) 13 Page - Analog Devices

Part # AD565ATD
Description  High Speed 12-Bit Monolithic D/A Converters
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD565ATD Datasheet(HTML) 13 Page - Analog Devices

Back Button AD565ATD Datasheet HTML 5Page - Analog Devices AD565ATD Datasheet HTML 6Page - Analog Devices AD565ATD Datasheet HTML 7Page - Analog Devices AD565ATD Datasheet HTML 8Page - Analog Devices AD565ATD Datasheet HTML 9Page - Analog Devices AD565ATD Datasheet HTML 10Page - Analog Devices AD565ATD Datasheet HTML 11Page - Analog Devices AD565ATD Datasheet HTML 12Page - Analog Devices AD565ATD Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
AD565A
Rev. F | Page 12
ORDERING GUIDE
Model1, 2
Max Gain T.C.
(ppm of F.S./°C)
Temperature Range
Linearity Error Max @
+25°C
Package Description
Package Options
AD565AJD
50
0°C to +70°C
±1/2 LSB
24-Lead SBDIP
D-24-2
AD565AJR
50
0°C to +70°C
±1/2 LSB
28-Lead SOIC_W
RW-28
AD565AJRZ
50
0°C to +70°C
±1/2 LSB
28-Lead SOIC_W
RW-28
AD565AJRZ-REEL
50
0°C to +70°C
±1/2 LSB
28-Lead SOIC_W
RW-28
AD565AKD
20
0°C to +70°C
±1/4 LSB
24-Lead SBDIP
D-24-2
AD565ASD
30
–55°C to +125°C
±1/2 LSB
24-Lead SBDIP
D-24-2
AD565ATD
15
–55°C to +125°C
±1/4 LSB
24-Lead SBDIP
D-24-2
1 For details on grade and package offerings screened in accordance with MIL-STD-883, refer to the Analog Devices Military Products Databook or current/883B data
sheet.
2 Z = RoHS Copliant Part.
REVISION HISTORY
3/15—Rev. E to Rev. F
Added AD566A Obsolete Note ...................................................... 1
Updated Outline Dimensions ....................................................... 11
Changes to Ordering Guide .......................................................... 12
10/02—Rev. D to Rev. E
Edits to Specifications ...................................................................... 2
Outline Dimensions Updated ....................................................... 11
©2015 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D00516-0-3/15(F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com