Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEWGS6000 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PEWGS6000
Description  WR-28 Waveguide Electromechanical Relay SPDT Latching Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWGS6000 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PEWGS6000 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWGS6000 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWGS6000 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PEWGS6000 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PEWGS6000 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PEWGS6000 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PEWGS6000 Datasheet HTML 7Page - Pasternack Enterprises, Inc. PEWGS6000 Datasheet HTML 8Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Input Power (Peak) 10% Duty Cycle
13.3
KWatts
. .
Mechanical Specifications
Size
Length
3.9 in [99.06 mm]
Width/Diameter
2.11 in [53.59 mm]
Height
2.11 in [53.59 mm]
.
Weight
1.005 lbs [455.86 g]
.
Operating Life (Cold Switching)
250,000 Cycles
Operating Pressure
30 psig
Configuration
Waveguide Size
WR-28
Flange Type
Square Cover
Flange Designation
UG-599/U
Body Material and Plating
Aluminum, Chem Film
Body Plating Specification
MIL-DTL-5541 Type II Class 3
Mechanical Specification Notes:
Production Burn-In IAW MIL-DTL-55041 1500 cycles
Environmental Specifications
Temperature
Operating Range
-40 to +85 deg C
Storage Range
-55 to +100 deg C
Ingress Protection (IP) Rating
IP67
Humidity
0-100%, Fully Weatherized
ESD Sensitivity
ESD Sensitive Material, Transport material in Approved
ESD bags. Handle in approved ESD Workstation.
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
PEWGS6000 REV 1.2
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-28 Waveguide Electromechanical Relay SPDT Latching Switch, Ka Band 40 GHz Max.
Freq., 550 Watts, UG-599/U Square Cover, 28V, Self Cut Off PEWGS6000
Waveguide Electromechanical Relay Switches Technical
PEWGS6000
WR-28 Waveguide Electromechanical Relay SPDT
Latching Switch, Ka Band 40 GHz Max. Freq., 550 Watts,
UG-599/U Square Cover, 28V, Self Cut Off



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com