Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEWGS6002 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PEWGS6002
Description  WR-28 Waveguide Electromechanical Relay SPDT Latching Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWGS6002 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PEWGS6002 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWGS6002 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWGS6002 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PEWGS6002 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PEWGS6002 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PEWGS6002 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PEWGS6002 Datasheet HTML 7Page - Pasternack Enterprises, Inc. PEWGS6002 Datasheet HTML 8Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
27
28
30
32
33
35
37
38
40
dB
26.5 GHz
Isolation
Postion 1
1.00
1.02
1.04
1.06
1.08
1.10
1.12
1.14
1.16
1.18
1.20
27
28
30
32
33
35
37
38
40
26.5 GHz
VSWR
Postion 2
PEWGS6002 REV 1.2
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-28 Waveguide Electromechanical Relay SPDT Latching Switch, Ka Band 40 GHz Max.
Freq., 550 Watts, UG-599/U Square Cover, 12V, Self Cut Off PEWGS6002
WR-28 Waveguide Electromechanical Relay SPDT
Latching Switch, Ka Band 40 GHz Max. Freq., 550 Watts,
UG-599/U Square Cover, 12V, Self Cut Off
Waveguide Electromechanical Relay Switches Technical
PEWGS6002



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com