Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEWCT1069 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PEWCT1069
Description  WR-90 Waveguide 30 dB Crossguide Coupler, UG-39/U Square Cover Flange, SMA Female Coupled Port, 8.2 GHz to 12.4 GHz, Bronze
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWCT1069 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PEWCT1069 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWCT1069 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWCT1069 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PEWCT1069 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PEWCT1069 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
The PEWCT1069 is a 30 dB WR-90 four port crossguide coupler with one coupled port terminated (making it a three port
coupler) and a coax adapter on the opposite coupled port. This coupler can be mounted directly into the waveguide signal
path, connected via coax to allow signal sampling /monitoring. The coupler has a typical VSWR of 1.05:1 and are made
of bronze with brass UG-39/U Square Cover flanges. The PEWCT1069 is part of a family of cross guide couplers offered
by Pasternack with coupling values ranging from 20 to 50 dB. There is also a full family of top wall (broad wall) couplers.
For the three port version of this coupler (terminated but no coax adapter) please see the PEWCT1021. For the four port
version of this coupler (no termination, no coax adapter) please see the PEWCP1056.
Features
• Three Port
• Crossguide Waveguide Coupler
• Terminated
• 30 dB Nominal Coupling Level
• SMA Female Coax Adapter
• 8.2 GHz to 12.4 GHz Frequency Range
• Waveguide Body made of Bronze with Brass Flanges
• Low VSWR
Applications
• Test Benches
• Radar
• Satellite
• Microwave Radio
• Attenuation Measurements
• Power Measurements
• Source Leveling
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
8.2
12.4
GHz
Impedance
50
Ohms
Coupler
Nominal Coupling Level
30
dB
Directivity
20
dB
Insertion Loss
0.1
dB
Main Line VSWR
1.05:1
Termination
Input Power (CW)
4
Watts
Waveguide to Coax Adapters
VSWR
1.25:1
.
Mechanical Specifications
.
Interface
Waveguide Size
WR-90
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-90 Waveguide 30 dB Crossguide Coupler, UG-39/U Square Cover Flange, SMA Female
Coupled Port, 8.2 GHz to 12.4 GHz, Bronze PEWCT1069
PEWCT1069 REV 1.0
WR-90 Waveguide 30 dB Crossguide Coupler,
UG-39/U Square Cover Flange, SMA Female
Coupled Port, 8.2 GHz to 12.4 GHz, Bronze
Waveguide Couplers Assemblies Technical Data
PEWCT1069


Similar Part No. - PEWCT1069

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWCT1060 PASTERNACK-PEWCT1060 Datasheet
534Kb / 5P
WR-75 Waveguide 20 dB Crossguide Coupler, Square Cover Flange, SMA Female Coupled Port, 10 GHz to 15 GHz, Bronze
PEWCT1061 PASTERNACK-PEWCT1061 Datasheet
533Kb / 5P
WR-75 Waveguide 30 dB Crossguide Coupler, Square Cover Flange, SMA Female Coupled Port, 10 GHz to 15 GHz, Bronze
PEWCT1062 PASTERNACK-PEWCT1062 Datasheet
533Kb / 5P
WR-75 Waveguide 40 dB Crossguide Coupler, Square Cover Flange, SMA Female Coupled Port, 10 GHz to 15 GHz, Bronze
PEWCT1063 PASTERNACK-PEWCT1063 Datasheet
534Kb / 5P
WR-75 Waveguide 50 dB Crossguide Coupler, Square Cover Flange, SMA Female Coupled Port, 10 GHz to 15 GHz, Bronze
PEWCT1064 PASTERNACK-PEWCT1064 Datasheet
530Kb / 5P
WR-75 Waveguide 20 dB Crossguide Coupler, Square Cover Flange, N Female Coupled Port, 10 GHz to 15 GHz, Bronze
More results

Similar Description - PEWCT1069

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWCT1068 PASTERNACK-PEWCT1068 Datasheet
538Kb / 5P
WR-90 Waveguide 20 dB Crossguide Coupler, UG-39/U Square Cover Flange, SMA Female Coupled Port, 8.2 GHz to 12.4 GHz, Bronze
PEWCT1070 PASTERNACK-PEWCT1070 Datasheet
537Kb / 5P
WR-90 Waveguide 40 dB Crossguide Coupler, UG-39/U Square Cover Flange, SMA Female Coupled Port, 8.2 GHz to 12.4 GHz, Bronze
PEWCT1071 PASTERNACK-PEWCT1071 Datasheet
538Kb / 5P
WR-90 Waveguide 50 dB Crossguide Coupler, UG-39/U Square Cover Flange, SMA Female Coupled Port, 8.2 GHz to 12.4 GHz, Bronze
PEWCT1076 PASTERNACK-PEWCT1076 Datasheet
532Kb / 5P
WR-90 Waveguide 20 dB Crossguide Coupler, UG-39/U Square Cover Flange, N Female Coupled Port, 8.2 GHz to 12.4 GHz, Bronze
PEWCT1077 PASTERNACK-PEWCT1077 Datasheet
532Kb / 5P
WR-90 Waveguide 30 dB Crossguide Coupler, UG-39/U Square Cover Flange, N Female Coupled Port, 8.2 GHz to 12.4 GHz, Bronze
PEWCT1078 PASTERNACK-PEWCT1078 Datasheet
533Kb / 5P
WR-90 Waveguide 40 dB Crossguide Coupler, UG-39/U Square Cover Flange, N Female Coupled Port, 8.2 GHz to 12.4 GHz, Bronze
PEWCT1079 PASTERNACK-PEWCT1079 Datasheet
532Kb / 5P
WR-90 Waveguide 50 dB Crossguide Coupler, UG-39/U Square Cover Flange, N Female Coupled Port, 8.2 GHz to 12.4 GHz, Bronze
PEWCP1055 PASTERNACK-PEWCP1055 Datasheet
408Kb / 5P
WR-90 20 dB Waveguide Crossguide Coupler, UG-39/U Square Cover Flange, 8.2 GHz to 12.4 GHz
PEWCP1056 PASTERNACK-PEWCP1056 Datasheet
408Kb / 5P
WR-90 30 dB Waveguide Crossguide Coupler, UG-39/U Square Cover Flange, 8.2 GHz to 12.4 GHz
PEWCP1058 PASTERNACK-PEWCP1058 Datasheet
411Kb / 5P
WR-90 50 dB Waveguide Crossguide Coupler, UG-39/U Square Cover Flange, 8.2 GHz to 12.4 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com