Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEWCT1090 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PEWCT1090
Description  WR-112 Waveguide 40 dB Crossguide Coupler, CPR-112G Flange, SMA Female Coupled Port, 7.05 GHz to 10 GHz, Bronze
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWCT1090 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PEWCT1090 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWCT1090 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWCT1090 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PEWCT1090 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PEWCT1090 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
The PEWCT1090 is a 40 dB WR-112 four port crossguide coupler with one coupled port terminated (making it a three
port coupler) and a coax adapter on the opposite coupled port. This coupler can be mounted directly into the waveguide
signal path, connected via coax to allow signal sampling /monitoring. The coupler has a typical VSWR of 1.05:1 and are
made of bronze with brass CPR-112G flanges. The PEWCT1090 is part of a family of cross guide couplers offered by
Pasternack with coupling values ranging from 20 to 50 dB. There is also a full family of top wall (broad wall) couplers.
For the three port version of this coupler (terminated but no coax adapter) please see the PEWCT1034. For the four port
version of this coupler (no termination, no coax adapter) please see the PEWCP1069.
Features
• Three Port
• Crossguide Waveguide Coupler
• Terminated
• 40 dB Nominal Coupling Level
• SMA Female Coax Adapter
• 7.05 GHz to 10 GHz Frequency Range
• Waveguide Body made of Bronze with Brass Flanges
• Low VSWR
Applications
• Test Benches
• Radar
• Satellite
• Microwave Radio
• Attenuation Measurements
• Power Measurements
• Source Leveling
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
7.05
10
GHz
Impedance
50
Ohms
Coupler
Nominal Coupling Level
40
dB
Directivity
20
dB
Insertion Loss
0.1
dB
Main Line VSWR
1.05:1
Termination
Input Power (CW)
5
Watts
Waveguide to Coax Adapters
VSWR
1.25:1
.
Mechanical Specifications
.
Interface
Waveguide Size
WR-112
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-112 Waveguide 40 dB Crossguide Coupler, CPR-112G Flange, SMA Female Coupled
Port, 7.05 GHz to 10 GHz, Bronze PEWCT1090
PEWCT1090 REV 1.0
WR-112 Waveguide 40 dB Crossguide Coupler, CPR-112G
Flange, SMA Female Coupled Port, 7.05 GHz to 10 GHz, Bronze
Waveguide Couplers Assemblies Technical Data
PEWCT1090


Similar Part No. - PEWCT1090

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWCT1091 PASTERNACK-PEWCT1091 Datasheet
527Kb / 5P
WR-112 Waveguide 50 dB Crossguide Coupler, CPR-112G Flange, SMA Female Coupled Port, 7.05 GHz to 10 GHz, Bronze
PEWCT1092 PASTERNACK-PEWCT1092 Datasheet
528Kb / 5P
WR-112 Waveguide 20 dB Crossguide Coupler, UG-51/U Square Cover Flange, N Female Coupled Port, 7.05 GHz to 10 GHz, Bronze
PEWCT1093 PASTERNACK-PEWCT1093 Datasheet
528Kb / 5P
WR-112 Waveguide 30 dB Crossguide Coupler, UG-51/U Square Cover Flange, N Female Coupled Port, 7.05 GHz to 10 GHz, Bronze
PEWCT1094 PASTERNACK-PEWCT1094 Datasheet
528Kb / 5P
WR-112 Waveguide 40 dB Crossguide Coupler, UG-51/U Square Cover Flange, N Female CoupledPort, 7.05 GHz to 10 GHz, Bronze
PEWCT1095 PASTERNACK-PEWCT1095 Datasheet
528Kb / 5P
WR-112 Waveguide 50 dB Crossguide Coupler, UG- 51/U Square Cover Flange, N Female Coupled Port, 7.05 GHz to 10 GHz, Bronze
More results

Similar Description - PEWCT1090

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWCT1088 PASTERNACK-PEWCT1088 Datasheet
526Kb / 5P
WR-112 Waveguide 20 dB Crossguide Coupler, CPR-112G Flange, SMA Female Coupled Port, 7.05 GHz to 10 GHz, Bronze
PEWCT1089 PASTERNACK-PEWCT1089 Datasheet
527Kb / 5P
WR-112 Waveguide 30 dB Crossguide Coupler, CPR-112G Flange, SMA Female Coupled Port, 7.05 GHz to 10 GHz, Bronze
PEWCT1091 PASTERNACK-PEWCT1091 Datasheet
527Kb / 5P
WR-112 Waveguide 50 dB Crossguide Coupler, CPR-112G Flange, SMA Female Coupled Port, 7.05 GHz to 10 GHz, Bronze
PEWCT1096 PASTERNACK-PEWCT1096 Datasheet
524Kb / 5P
WR-112 Waveguide 20 dB Crossguide Coupler, CPR-112G Flange, N Female Coupled Port, 7.05 GHz to 10 GHz, Bronze
PEWCT1097 PASTERNACK-PEWCT1097 Datasheet
524Kb / 5P
WR-112 Waveguide 30 dB Crossguide Coupler, CPR-112G Flange, N Female Coupled Port, 7.05 GHz to 10 GHz, Bronze
PEWCT1098 PASTERNACK-PEWCT1098 Datasheet
524Kb / 5P
WR-112 Waveguide 40 dB Crossguide Coupler, CPR-112G Flange, N Female Coupled Port, 7.05 GHz to 10 GHz, Bronze
PEWCT1099 PASTERNACK-PEWCT1099 Datasheet
524Kb / 5P
WR-112 Waveguide 50 dB Crossguide Coupler, CPR-112G Flange, N Female Coupled Port, 7.05 GHz to 10 GHz, Bronze
PEWCP1067 PASTERNACK-PEWCP1067 Datasheet
428Kb / 5P
WR-112 20 dB Waveguide Crossguide Coupler, CPR-112G Grooved Flange, 7.05 GHz to 10 GHz
PEWCP1068 PASTERNACK-PEWCP1068 Datasheet
430Kb / 5P
WR-112 30 dB Waveguide Crossguide Coupler, CPR-112G Grooved Flange, 7.05 GHz to 10 GHz
PEWCP1069 PASTERNACK-PEWCP1069 Datasheet
429Kb / 5P
WR-112 40 dB Waveguide Crossguide Coupler, CPR-112G Grooved Flange, 7.05 GHz to 10 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com