Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEWCT1102 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PEWCT1102
Description  WR-137 Waveguide 40 dB Crossguide Coupler,UG-344/U Round Cover Flange, SMA Female Coupled Port, 5.85 GHz to 8.2 GHz, Bronze
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWCT1102 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PEWCT1102 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWCT1102 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWCT1102 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PEWCT1102 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PEWCT1102 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
The PEWCT1102 is a 40 dB WR-137 four port crossguide coupler with one coupled port terminated (making it a three port
coupler) and a coax adapter on the opposite coupled port. This coupler can be mounted directly into the waveguide signal
path, connected via coax to allow signal sampling /monitoring. The coupler has a typical VSWR of 1.05:1 and are made
of bronze with brass UG-344/U Round Cover flanges. The PEWCT1102 is part of a family of cross guide couplers offered
by Pasternack with coupling values ranging from 20 to 50 dB. There is also a full family of top wall (broad wall) couplers.
For the three port version of this coupler (terminated but no coax adapter) please see the PEWCT1038. For the four port
version of this coupler (no termination, no coax adapter) please see the PEWCP1073.
Features
• Three Port
• Crossguide Waveguide Coupler
• Terminated
• 40 dB Nominal Coupling Level
• SMA Female Coax Adapter
• 5.85 GHz to 8.2 GHz Frequency Range
• Waveguide Body made of Bronze with Brass Flanges
• Low VSWR
Applications
• Test Benches
• Radar
• Satellite
• Microwave Radio
• Attenuation Measurements
• Power Measurements
• Source Leveling
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
5.85
8.2
GHz
Impedance
50
Ohms
Coupler
Nominal Coupling Level
40
dB
Directivity
20
dB
Insertion Loss
0.1
dB
Main Line VSWR
1.05:1
Termination
Input Power (CW)
6
Watts
Waveguide to Coax Adapters
VSWR
1.25:1
.
Mechanical Specifications
.
Interface
Waveguide Size
WR-137
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-137 Waveguide 40 dB Crossguide Coupler, UG-344/U Round Cover Flange, SMA Female
Coupled Port, 5.85 GHz to 8.2 GHz, Bronze PEWCT1102
PEWCT1102 REV 1.0
WR-137 Waveguide 40 dB Crossguide Coupler,
UG-344/U Round Cover Flange, SMA Female
Coupled Port, 5.85 GHz to 8.2 GHz, Bronze
Waveguide Couplers Assemblies Technical Data
PEWCT1102


Similar Part No. - PEWCT1102

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWCT1100 PASTERNACK-PEWCT1100 Datasheet
555Kb / 5P
WR-137 Waveguide 20 dB Crossguide Coupler,UG-344/U Round Cover Flange, SMA Female Coupled Port, 5.85 GHz to 8.2 GHz, Bronze
PEWCT1101 PASTERNACK-PEWCT1101 Datasheet
555Kb / 5P
WR-137 Waveguide 30 dB Crossguide Coupler,UG-344/U Round Cover Flange, SMA Female Coupled Port, 5.85 GHz to 8.2 GHz, Bronze
PEWCT1103 PASTERNACK-PEWCT1103 Datasheet
556Kb / 5P
WR-137 Waveguide 50 dB Crossguide Coupler,UG-344/U Round Cover Flange, SMA Female Coupled Port, 5.85 GHz to 8.2 GHz, Bronze
PEWCT1104 PASTERNACK-PEWCT1104 Datasheet
525Kb / 5P
WR-137 Waveguide 20 dB Crossguide Coupler, CPR-137G Flange, SMA Female Coupled Port, 5.85 GHz to 8.2 GHz, Bronze
PEWCT1105 PASTERNACK-PEWCT1105 Datasheet
525Kb / 5P
WR-137 Waveguide 30 dB Crossguide Coupler, CPR-137G Flange, SMA Female Coupled Port, 5.85 GHz to 8.2 GHz, Bronze
More results

Similar Description - PEWCT1102

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWCT1100 PASTERNACK-PEWCT1100 Datasheet
555Kb / 5P
WR-137 Waveguide 20 dB Crossguide Coupler,UG-344/U Round Cover Flange, SMA Female Coupled Port, 5.85 GHz to 8.2 GHz, Bronze
PEWCT1101 PASTERNACK-PEWCT1101 Datasheet
555Kb / 5P
WR-137 Waveguide 30 dB Crossguide Coupler,UG-344/U Round Cover Flange, SMA Female Coupled Port, 5.85 GHz to 8.2 GHz, Bronze
PEWCT1103 PASTERNACK-PEWCT1103 Datasheet
556Kb / 5P
WR-137 Waveguide 50 dB Crossguide Coupler,UG-344/U Round Cover Flange, SMA Female Coupled Port, 5.85 GHz to 8.2 GHz, Bronze
PEWCT1104 PASTERNACK-PEWCT1104 Datasheet
525Kb / 5P
WR-137 Waveguide 20 dB Crossguide Coupler, CPR-137G Flange, SMA Female Coupled Port, 5.85 GHz to 8.2 GHz, Bronze
PEWCT1105 PASTERNACK-PEWCT1105 Datasheet
525Kb / 5P
WR-137 Waveguide 30 dB Crossguide Coupler, CPR-137G Flange, SMA Female Coupled Port, 5.85 GHz to 8.2 GHz, Bronze
PEWCT1106 PASTERNACK-PEWCT1106 Datasheet
525Kb / 5P
WR-137 Waveguide 40 dB Crossguide Coupler, CPR-137G Flange, SMA Female Coupled Port, 5.85 GHz to 8.2 GHz, Bronze
PEWCP1071 PASTERNACK-PEWCP1071 Datasheet
409Kb / 5P
WR-137 20 dB Waveguide Crossguide Coupler, UG-344/U Round Cover Flange, 5.85 GHz to 8.2 GHz
PEWCP1072 PASTERNACK-PEWCP1072 Datasheet
410Kb / 5P
WR-137 30 dB Waveguide Crossguide Coupler, UG-344/U Round Cover Flange, 5.85 GHz to 8.2 GHz
PEWCP1073 PASTERNACK-PEWCP1073 Datasheet
411Kb / 5P
WR-137 40 dB Waveguide Crossguide Coupler, UG-344/U Round Cover Flange, 5.85 GHz to 8.2 GHz
PEWCP1074 PASTERNACK-PEWCP1074 Datasheet
410Kb / 5P
WR-137 50 dB Waveguide Crossguide Coupler, UG-344/U Round Cover Flange, 5.85 GHz to 8.2 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com