Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWR06FPCQ2201 Datasheet(PDF) 13 Page - Token Electronics Industry Co., Ltd.

Part # PWR06FPCQ2201
Description  Pulse Withstanding Chip Resistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

PWR06FPCQ2201 Datasheet(HTML) 13 Page - Token Electronics Industry Co., Ltd.

Back Button PWR06FPCQ2201 Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. PWR06FPCQ2201 Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. PWR06FPCQ2201 Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. PWR06FPCQ2201 Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. PWR06FPCQ2201 Datasheet HTML 10Page - Token Electronics Industry Co., Ltd. PWR06FPCQ2201 Datasheet HTML 11Page - Token Electronics Industry Co., Ltd. PWR06FPCQ2201 Datasheet HTML 12Page - Token Electronics Industry Co., Ltd. PWR06FPCQ2201 Datasheet HTML 13Page - Token Electronics Industry Co., Ltd. PWR06FPCQ2201 Datasheet HTML 14Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
http://www.token.com.tw
rfq@token.com.tw
Taiwan Factory: +886 2 29810109
China Factory: +86 755 26055363
Page: 12/13
Order Codes
Order Codes (PWR)
PWR
05
D
TR
C1
W
10R0
Part
Number
Dimensions
03
EIA0603
05
EIA0805
06
EIA1206
13
EIA1210
10
EIA2010
12
EIA2512
Resistance
Tolerance
(%)
D
±0.5%
F
±1%
J
±5%
Package
P
Bulk
TR
Taping
Reel
TCR
(ppm/℃)
C1
±100
C
±200
Power
Rating
(W)
A
1.5
O
1/3
Q
3/4
T
1
U
1/2
V
1/4
P
1/5
W
1/8
X
1/10
Resistance
(Ω)
10R0
10
1000
100
2201
2K2
1002
10K
1003
100K
1004
1M
1005
10M
Marking
Standard
Marking
for
E96/E24
N
No
Marking
0805~2512 4 digits marking for Example Marking
Resistance
100Ω
2.2KΩ
10KΩ
49.9KΩ
100KΩ
1MΩ
Marking
1000
2201
1002
4992
1003
1004
0603: 3 digits Marking E24 Nominal Table
E24 code
10 11 12
13 15 16
18 20 22 24
27 30 33 36 39 43
47 51 56 62 68 75
82 91
Example: 101=100Ω 102=1KΩ (1st and 2nd are E24 code and 3rd code is multiplier)
Resistance tolerance 1% for 0603: 3 digits marking in E96 (E96 series except E24 series)
Digits marking for Example: 13C=13K3Ω; 68B=4K99Ω; 68X=49.9Ω
Marking Table E96 Nominal Table
code
02
03
04
06
07
08
09
10
11
13
14
15
16
17
19
20
21
22
23
24
25
26
27
E96
102
103
107
113
115
118
121
124
127
133
137
140
143
147
154
158
162
165
169
174
178
182
187
code
28
29
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
E96
191
196
205
210
215
221
226
232
237
243
249
255
261
267
274
280
287
294
301
309
316
324
332
code
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
E96
340
348
357
365
374
383
392
402
412
422
432
442
453
464
475
487
499
511
523
536
549
562
576
code
75
76
77
78
79
80
81
82
83
84
86
87
88
89
90
91
92
93
94
95
96
E96
590
604
619
634
649
665
681
698
715
732
768
787
806
825
845
866
887
909
931
953
976
Multiplier E96 Marking
Code
A
B
C
D
E
F
X
Y
Multiplier
10
0
10
1
10
2
10
3
10
4
10
5
10
-1
10
-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com