Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWR12FPCQ2201 Datasheet(PDF) 5 Page - Token Electronics Industry Co., Ltd.

Part # PWR12FPCQ2201
Description  Pulse Withstanding Chip Resistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

PWR12FPCQ2201 Datasheet(HTML) 5 Page - Token Electronics Industry Co., Ltd.

  PWR12FPCQ2201 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. PWR12FPCQ2201 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. PWR12FPCQ2201 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. PWR12FPCQ2201 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. PWR12FPCQ2201 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. PWR12FPCQ2201 Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. PWR12FPCQ2201 Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. PWR12FPCQ2201 Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. PWR12FPCQ2201 Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
http://www.token.com.tw
rfq@token.com.tw
Taiwan Factory: +886 2 29810109
China Factory: +86 755 26055363
Page: 4/13
High Power Rating Electrical Specifications (PWR)
Type
Power
Rating
at 70℃
Operating
Temp.
Range
Max
Operating
Voltage
Max
Overloading
Voltage
Resistance Tolerance
(%)
Resistance
Range
(Ω)
TCR
PPM/℃
PWR03
(0603)
1/8W, 1/5W
-55 ~ +155℃ 50V
100V
±0.5%
10~294
±200
±1%, ±5%
1~294
±200
±0.5%, ±1%, ±5%
300~1M
±100
PWR05
(0805)
1/4W
-55 ~ +155℃ 150V
300V
±0.5%
10~294
±200
±1%, ±5%
1~294
±200
±0.5%, ±1%, ±5%
300~20M
±100
PWR06
(1206)
1/2W
-55 ~ +155℃ 200V
400V
±0.5%
10~20
±200
±1%, ±5%
1~20
±200
±0.5%, ±1%, ±5%
20.5~20M
±100
PWR10
(2010)
1W
-55 ~ +155℃ 400V
800V
±0.5%
10~20
±200
±1%, ±5%
1~20
±200
±0.5%, ±1%, ±5%
20.5~20M
±100
Lower Resistance :(1~10)Ω.
Operating Voltage =
√( ���� ∗ ���� ) , or Max. Operating Voltage listed in above table whichever is lower.
Overloading Voltage = 2.5*
√( ���� ∗ ���� ) , or Max. Overloading Voltage listed in above table whichever is lower.
Optional specifications can be required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com