Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3VT34X245B Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI3VT34X245B
Description  32-Bit, 2-Port, Low Voltage Translator Bus Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3VT34X245B Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI3VT34X245B Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3VT34X245B Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3VT34X245B Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3VT34X245B Datasheet HTML 4Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
PS8531
03/19/01
VCC
NC
1
80
BE1
A0
2
79
B0
A1
3
78
B1
A2
4
77
B2
A3
5
76
B3
A4
6
75
B4
A5
7
74
B5
A6
8
73
B6
A7
9
72
B7
GND
10
71
VCC
A8
11
70
BE2
A9
12
69
B8
13
68
B9
A10
NC
14
67
B10
A11
15
66
B11
A12
16
65
B12
A13
17
64
B13
A14
18
63
B14
A15
19
62
B15
GND
20
61
VCC
NC
21
60
BE3
A16
22
59
B16
A17
23
58
B17
A18
24
57
B18
A19
25
56
B19
A20
26
55
B20
A21
27
54
B21
A22
28
53
B22
A23
29
52
B23
GND
30
51
VCC
A24
31
50
BE4
A25
32
49
B24
33
48
B25
A26
NC
34
47
B26
A27
35
46
B27
A28
36
45
B28
A29
37
44
B29
A30
38
43
B30
A31
39
42
B31
GND
40
41
ProductDescription
PericomSemiconductor’sPI3VTseriesof logiccircuitsareproduced
using the Company’s advanced submicron CMOS technology,
achieving industry leading performance.
The PI3VT34X245, is a 2.5V or 3.3V 8-bit, 2-port bus switch, is
designedwithalow ONresistance(5ohms).Theswitchesareturned
ON or enabled by the Bus Enable (BEn) input signal.
Given a 3.3V supply and an input voltage of 3.3V, the switch
translatestoanoutputvoltageof 2.5V.Similarly,whenoperatedwith
a 2.5V supply and given 2.5V inputs, the device translates the
outputs to 1.8V.
Logic Block Diagram
ProductPinConfiguration
ProductFeatures
• Near zero propagation delay
• Low ON resistance switches connect inputs to outputs
• 2.5VSupplyVoltageOperation
• 2.5Vor1.8Vswitching
• Packagesavailable:
–80-pin,150milwideplasticBQSOP(B)
Applications
• 3.3V to 2.5V level shifting (voltage translation)
• 2.5V to 1.8V level shifting (voltage translation)
80-Pin
B
PI3VT34X245
32-Bit, 2-Port, Low Voltage
Translator Bus Switch
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
BE1
A7
A0
B7
B0
BE2
A15
A8
B15
B8
BE3
A23
A16
B23
B16
BE4
A31
A24
B31
B24


Similar Part No. - PI3VT34X245B

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3VT3245 PERICOM-PI3VT3245 Datasheet
311Kb / 5P
8-Bit, 2-Port, Low Voltage Translator Bus SWITCH
PI3VT3245-A PERICOM-PI3VT3245-A Datasheet
669Kb / 5P
8-Bit, 2-Port, Low Voltage Translator Bus Switch
PI3VT3245-ALE PERICOM-PI3VT3245-ALE Datasheet
669Kb / 5P
8-Bit, 2-Port, Low Voltage Translator Bus Switch
PI3VT3245-AQE PERICOM-PI3VT3245-AQE Datasheet
669Kb / 5P
8-Bit, 2-Port, Low Voltage Translator Bus Switch
PI3VT3245L PERICOM-PI3VT3245L Datasheet
311Kb / 5P
8-Bit, 2-Port, Low Voltage Translator Bus SWITCH
More results

Similar Description - PI3VT34X245B

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3VT3245 PERICOM-PI3VT3245 Datasheet
311Kb / 5P
8-Bit, 2-Port, Low Voltage Translator Bus SWITCH
PI5C34X245 PERICOM-PI5C34X245 Datasheet
344Kb / 5P
32-Bit, 2-Port Bus Switch
PI3VT3306 PERICOM-PI3VT3306 Datasheet
359Kb / 4P
2-Bit, 2-Port, Low Voltage Translator Bus Switch
PI3VT3384 PERICOM-PI3VT3384 Datasheet
250Kb / 5P
10-Bit, 2-Port, Low Voltage Translator Bus Switch
PI3VT32X245 PERICOM-PI3VT32X245 Datasheet
327Kb / 4P
16-Bit, 2-Port, Low Voltage Translator Bus Switch
logo
Potato Semiconductor Co...
PO3VT3245A POTATO-PO3VT3245A Datasheet
543Kb / 6P
Hot Insertion 8-Bit, 2-Port, Low Voltage Translator Bus Switch
PO3VT3306A POTATO-PO3VT3306A Datasheet
570Kb / 6P
High-Bandwidth, Hot-Insertion, 2-Bit, 2-Port, Low Voltage Translator Bus Switch
logo
Pericom Semiconductor C...
PI3VT32X245-A PERICOM-PI3VT32X245-A Datasheet
708Kb / 5P
16-Bit, 2-Port, Low Voltage Translator Bus Switch
PI3VT3245-A PERICOM-PI3VT3245-A Datasheet
669Kb / 5P
8-Bit, 2-Port, Low Voltage Translator Bus Switch
PI5C34X245 PERICOM-PI5C34X245_11 Datasheet
628Kb / 4P
32-Bit, 2-Port Bus Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com