Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML13145 Datasheet(PDF) 4 Page - LANSDALE Semiconductor Inc.

Part # ML13145
Description  UHF Wideband Receiver Subsystem
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML13145 Datasheet(HTML) 4 Page - LANSDALE Semiconductor Inc.

  ML13145_08 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML13145_08 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML13145_08 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML13145_08 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML13145_08 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML13145_08 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML13145_08 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML13145_08 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML13145_08 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
www.lansdale.com
Page 4 of 17
Issue 0
LANSDALE Semiconductor, Inc.
ML13145
1.0
µ
10
25
26
29
30 31
32
27
28
33
34
35
36
65
4
3
2
1
11
10
PRSC Out
LNA
64/65
Lim
IF
VCC
VCC
VCC
VCC
VCC
VCC
Figure 1. Test Circuit
BWadj
RF LO2
RF LO
LNA In
MC
RSSI
Det Out
ML13145
VCC
12
8
7
13
14
15
16
18
19
20
17
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
1.0 n
51 k
100 n 68 k
51 k
56 p
2.7 k
1.0 n
6.8 n
100 p
6.8 n
1.0 n
1.0 n
1.0 p
20
4.7 p
4.7 p
3.3 nH
47 p
1.0 k
16 p
10
T1**
*CF1 & CF2 = 280 kHz, 6.0 dB BW, 10.7 MHz Ceramic Filter
**T1 = Toko Part # 600ENAS–A998EK
1.0 n
100 n
12 p
10 p
10 n
1.0 n
1.0 n
1.0 n
1.0 n
1.0 n
100 n
100 n
100 k
9
1.0
µ
100 n
1.0 n
10 k
7.2 p
2.0 k
10 k
2.0 k
T2
TC4
100 n
10 n
1.0
µ
EN
6.8 p
1.0 M
1.0 M
50
1.0 n
10 n
1.5 p
IF In
IF Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com