Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12502/BCA Datasheet(PDF) 7 Page - LANSDALE Semiconductor Inc.

Part # 12502/BCA
Description  Analog Mixer With On?밅hip Regulator For Bias Control
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

12502/BCA Datasheet(HTML) 7 Page - LANSDALE Semiconductor Inc.

  12502/BCA Datasheet HTML 1Page - LANSDALE Semiconductor Inc. 12502/BCA Datasheet HTML 2Page - LANSDALE Semiconductor Inc. 12502/BCA Datasheet HTML 3Page - LANSDALE Semiconductor Inc. 12502/BCA Datasheet HTML 4Page - LANSDALE Semiconductor Inc. 12502/BCA Datasheet HTML 5Page - LANSDALE Semiconductor Inc. 12502/BCA Datasheet HTML 6Page - LANSDALE Semiconductor Inc. 12502/BCA Datasheet HTML 7Page - LANSDALE Semiconductor Inc. 12502/BCA Datasheet HTML 8Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
LANSDALE Semiconductor, Inc.
ML12502
www.lansdale.com
Page 7 of 8
Issue 0
Notes:
Test 1 – Pins 5 and 6 left open
Test 2 – Pins 5 and 6 are tied to –5.0 volts
TA, AMBIENT TEMPERATURE (°C)
+125
+100
+75
+50
+25
0
–25
–55
–60
–50
–40
–30
–20
–10
fc = 10 MHz @ 30 mvrms
fs = 10 KHz @ 150 mvrms
Local Oscillator
Inputs
3
2
1.0
µf
1.0
µf
1.0
µf
Mixer
Inputs
Reg.
Bypass
1.0
µf
8
9
0.1
µf
10
1
VEE
0.1
µf
–5.0 V
0.1
µf
7
IOO = I11 – I12
14
VCC
56
Outputs
12
I12
µA
I11
11
µA
Null
Adjust
I
I
TEST 1
TA, AMBIENT TEMPERATURE (°C)
+125
+100
+75
+50
+25
0
–25
–55
–100
–50
0.0
+50
+100
TEST 2
1
6
21
26
16
31
1000
800
600
f, FREQUENCY (MHZ)
400
200
50
100
150
200
250
300
350
400
11
C
R
Zin
R(OHMS)
TYPICAL INPUT IMPEDANCE
vs
FREQUENCY
R
– LOCAL OSCILLATOR –
AND SIGNAL INPUTS
C
Figure 10. Carrier Suppression versus Temperature
Figure 11. Output Offset Current (I00) versus Temperature
Figure 12. Output Offset Current versus Temperature
Figure 13. Typical Input Impedance versus Frequency
(No Circuit)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com