Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML12034AP Datasheet(PDF) 1 Page - LANSDALE Semiconductor Inc.

Part # ML12034AP
Description  2.0 GHz Dual Modulus Prescaler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML12034AP Datasheet(HTML) 1 Page - LANSDALE Semiconductor Inc.

  ML12034AP Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML12034AP Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML12034AP Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML12034AP Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML12034AP Datasheet HTML 5Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.lansdale.com
Page 1 of 5
Issue A
ML12034
2.0 GHz Dual Modulus
Prescaler
Legacy Device: Motorola MC12034A
The ML12034 can be used with CMOS synthesizers requiring
positive edges to trigger internal counters such as Motorola’s
MC145xxx series or Lansdale’s ML145xxx series in a PLL to pro-
vide tuning signals up to 2.0 GHz in programmable frequency steps.
A Divide Ratio Control (SW) permits selection of a 32/33 or
64/65 divide ratio as desired.
The Modulus Control (MC) selects the proper divide number
after SW has been biased to select the desired divide ratio.
• 2.0 GHz Toggle Frequency
• Supply Voltage 4.5 to 5.5 V
• ML12034 for Positive Edge Triggered Synthesizers
• 12mA Maximum, –40 to 85°C, VCC = 5.5 Vdc
• Modulus Control Input is Compatible with
Standard CMOS and TTL
• Low–Supply Current 8.5 mA Typical
• Operating Temperature Range TA = –40 to 85°C
Note: Lansdale lead free (Pb) product, as it
becomes available, will be identified by a part
number prefix change from
ML to MLE.
MECL PLL COMPONENTS ÷32/33, ÷64/65 DUAL MODULUS PRESCALER
SEMICONDUCTOR TECHNICAL DATA


Similar Part No. - ML12034AP

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML12034 LANSDALE-ML12034 Datasheet
1Mb / 5P
2.0 GHz Dual Modulus Prescaler
ML12034-5P LANSDALE-ML12034-5P Datasheet
1Mb / 5P
2.0 GHz Dual Modulus Prescaler
ML12034D LANSDALE-ML12034D Datasheet
1Mb / 5P
2.0 GHz Dual Modulus Prescaler
ML12034P LANSDALE-ML12034P Datasheet
1Mb / 5P
2.0 GHz Dual Modulus Prescaler
ML12034PP LANSDALE-ML12034PP Datasheet
1Mb / 5P
2.0 GHz Dual Modulus Prescaler
More results

Similar Description - ML12034AP

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
KGL2132 OKI-KGL2132 Datasheet
45Kb / 3P
2.0 GHz Two-Modulus Prescaler
logo
ON Semiconductor
MC12026A ONSEMI-MC12026A Datasheet
50Kb / 8P
1.1 GHz Dual Modulus Prescaler
November, 2001 ??Rev. 7
logo
Freescale Semiconductor...
MC12019 FREESCALE-MC12019 Datasheet
237Kb / 3P
Dual Modulus Prescaler
logo
ON Semiconductor
MC12026A ONSEMI-MC12026A_06 Datasheet
130Kb / 6P
1.1 GHz Dual Modulus Prescaler
January, 2006 ??Rev. 8
logo
Motorola, Inc
MC12009 MOTOROLA-MC12009 Datasheet
214Kb / 15P
Dual Modulus Prescaler
logo
LANSDALE Semiconductor ...
ML12015 LANSDALE-ML12015 Datasheet
310Kb / 4P
Dual Modulus Prescaler
ML12034 LANSDALE-ML12034 Datasheet
1Mb / 5P
2.0 GHz Dual Modulus Prescaler
ML12054A LANSDALE-ML12054A Datasheet
262Kb / 4P
2.0 GHz Super Low Power Dual Modulus Prescaler
logo
ON Semiconductor
MC12026A ONSEMI-MC12026A_16 Datasheet
141Kb / 6P
1.1GHz Dual Modulus Prescaler
August, 2016 ??Rev. 9
logo
LANSDALE Semiconductor ...
ML12054A LANSDALE-ML12054A_08 Datasheet
94Kb / 4P
2.0 GHz Super Low Power Dual Modulus Prescaler
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com