Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEWCP1017 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PEWCP1017
Description  WR-90 10 dB Directional Waveguide Broadwall Coupler, UG-39/U Square Cover Flange,E-Plane Coupled Port, 8.2 GHz to 12.4 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWCP1017 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PEWCP1017 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWCP1017 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWCP1017 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PEWCP1017 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PEWCP1017 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
TECHNICAL DATA SHEET
Configuration
Design
Directional E-Plane Broadwall
Size
WR-90
Description
Input Flange
Output Flange
Coupled Flange(s)
Flange Type
Square Cover
Square Cover
Square Cover
Flange Designation
UG-39/U
UG-39/U
UG-39/U
Material
Copper Alloy
Copper Alloy
Copper Alloy
Plating
Silver
Silver
Silver
...
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
12/17/2015
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Typical Performance Data
0.95
1.00
1.05
1.10
1.15
1.20
1.25
1.30
1.35
1.40
1.45
1.50
8.2
8.8
9.4
10.0
10.6
11.2
11.8
12.4
8.2 GHz
VSWR
PEWCP1017
PEWCP1017 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-90 10 dB Directional Waveguide Broadwall Coupler, UG-39/U Square Cover Flange, E-
Plane Coupled Port, 8.2 GHz to 12.4 GHz PEWCP1017
WR-90 10 dB Directional Waveguide Broadwall
Coupler, UG-39/U Square Cover Flange, E-Plane
Coupled Port, 8.2 GHz to 12.4 GHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com