Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEWCP1021 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PEWCP1021
Description  WR-90 20 dB Directional Waveguide Broadwall Coupler, CPR-90G Grooved Flange, E-Plane Coupled Port, 8.2 GHz to 12.4 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWCP1021 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PEWCP1021 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWCP1021 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWCP1021 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PEWCP1021 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PEWCP1021 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
TECHNICAL DATA SHEET
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
8.2
8.8
9.4
10
10.6
11.2
11.8
12.4
0 dB
8.2 GHz
Insertion Loss
-40
-35
-30
-25
-20
-15
-10
-5
0
8.2
8.8
9.4
10
10.6
11.2
11.8
12.4
0 dB
8.2 GHz
Coupling Value
PEWCP1021
PEWCP1021 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-90 20 dB Directional Waveguide Broadwall Coupler, CPR-90G Grooved Flange, E-Plane
Coupled Port, 8.2 GHz to 12.4 GHz PEWCP1021
WR-90 20 dB Directional Waveguide Broadwall Coupler, CPR-
90G Grooved Flange, E-Plane Coupled Port, 8.2 GHz to 12.4 GHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com